Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 178 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 178 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 174Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 175Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 176Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 177Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 178Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 179Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 180Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 181Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 182Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-176
AD Mode Control Register 1
7
6
5
4
3
2
1
0
Bit symbol
VREFON
ADTRGE
ADCH2
ADCH1
ADCH0
ADMOD1
(005FH)
Read/Write
R/W
R/W
After reset
1
0
0
0
0
Function
String
resistor
0: OFF
1: ON
External
trigger start
control
0: Disable
1: Enable
Analog input channel
selection
Note: As the AN3 and the ADTRG are the same pin, <ADCH2:0>
= 011 can’t be set when <ADTRGE> is set to 1
and ADTRG is used.
Figure 3.11.3 Register for AD Converter (2/4)
Analog input channel selection
<SCAN>
<ADCH2:0>
0
Channel
fix
1
Channel
scan
000
AN0
AN0
001
AN1
AN0
→ AN1
010
AN2
AN0
→ AN1 → AN2
011 (Note)
AN3
AN0
→ AN1 → AN2 → AN3
100
AN4
AN4
101
AN5
AN4
→ AN5
110
AN6
AN4
→ AN5 → AN6
111
AN7
AN4
→ AN5 → AN6 → AN7
Analog reference voltage control
0OFF
1ON
Set the <VREFON> bit to 1 before starting
conversion (before writing 1 to
ADMOD0<ADS>).
Conversion start control by external trigger
( ADTRG pin input)
0
Disable
1
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com