Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 177 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 177 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 173Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 174Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 175Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 176Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 177Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 178Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 179Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 180Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 181Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-175
3.11.1
AD converter registers
AD converter is controlled by two AD mode control registers (ADMOD0 and ADMOD1).
AD conversion result is stored in eight AD conversion result registers (ADREG04H/L,
ADREG15H/L, ADREG26H/L, ADREG37H/L).
AD Mode Control Register 0
7
6
5
4
3
2
1
0
Bit symbol
EOCF
AD8F
−
−
ITM0
REPET
SCAN
ADS
ADMOD0
(005EH)
Read/Write
R
R/W
After reset
0
0
0
0
0
0
0
0
Function
AD
conversion
end flag
0: Conver-
sion in
progress
1: Conver-
sion end
AD
conversion
busy flag
1: Conver-
sion is
idle
1: Conver-
sion in
progress
Always write
“0”.
Always write
“0”.
Specifies
interrupts for
fixed channel
/repeat
conversion
mode.
0: Every
conver-
sion
1: Every four
conver-
sions
Repeat mode
specification
0: Single
conver-
sion mode
1: Repeat
conver-
sion mode
Scan mode
specification
0: Fixed-
channel
mode
1: Channel
scan mode
AD
conversion
start
0: Don’t
care
1: Start
conver-
sion
Always read
as “0”.
Figure 3.11.2 Register for AD Converter (1/4)
AD conversion start
0
Don’t care
1
Start AD conversion
AD scan mode specification
0
AD conversion fixed-channel mode
1
AD conversion channel scan mode
AD repeat mode specification
0
AD single conversion mode
1
AD repeat conversion mode
AD specifies interrupts for fixed
channel/repeat conversion mode
Fixed channel/repeat conversion mode
<SCAN> = “0”, <REPET> = “1”
0
Generates interrupt every conversion
1
Generates interrupt every four
conversions
AD conversion busy flag
0
AD conversion is idle
1
AD conversion in progress
AD conversion end flag
0
AD conversion in progress
1
AD conversion end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com