Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CU74F Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 35Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 36Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 37Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 38Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 39Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 40Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 41Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 42Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-39
2.
On-Chip Peripheral Functions
2.1
Special Function Registers (SFR)
The TMP88CU74 uses the memory mapped I/O system, and all peripheral control and data
transfers are performed through the special function registers (SFR).
The SFR are mapped to addresses 00000H to 0003FH, and DBR are mapped to address
00F80H to 00FFFH.
Figure 2.1.1 shows the TMP88CU74 SFR and DBR.
Address
Read
Write
Address
Read
Write
00000H
P0 port
00020H
−
SBICR1 (SBI control register)
01
P1 port
21
SBIDBR (SBI Data buffer)
02
P2 port
22
−
I
2CAR (I2C Bus address)
03
P3 port
23
SBISR (SBI status)
SBICR2 (SBI control register)
04
P4 port
24
Reserved
05
P5 port
25
Reserved
06
P6 port
26
Reserved
07
P7 port
27
SIO1SR (SIO status)
SIO1CR1 (SIO1 control 1)
08
P8 port
28
SIO1CR2 (SIO1 control 2)
09
P9 port
29
VFTSR (VFT status)
VFTCR1 (VFT control 1)
0A
−
P0CR (P0 port I/O output control)
2A
VFTCR2 (VFT control 2)
0B
−
P1CR (P1 port I/O output control)
2B
P3CR (Port I/O control)
0C
−
P4CR (P4 port I/O output control)
2C
Reserved
0D
−
P5CR (P5 port I/O output control)
2D
Reserved
0E
ADCCR (AD converter control)
2E
Reserved
0F
ADCDR (AD conv.result)
−
2F
Reserved
10
−
TREG1AL
30
DVCR
11
−
TREG1AH
31
Reserved
12
TREG1BL
32
Reserved
13
TREG1BH
33
Reserved
14
−
TC1CR (TC1 control)
34
−
WDTCR1
15
−
TC2CR (TC2 control)
35
−
WDTCR2
16
−
TREG2L
36
TBTCR (TBT/TG/DVO control)
17
−
TREG2H
37
EINTCR (External interrupt control)
18
TREG3A (Timer register 3A)
38
SYSCR1
19
TREG3B (Timer register 3B)
−
39
SYSCR2
1A
−
TC3CR (TC3 control)
3A
EIRL
1B
−
TREG4 (Timer register 4)
3B
EIRH
1C
−
TC4CR (TC4 control)
3C
ILL
1D
PD port
3D
ILH
1E
Reserved
3E
PSWL
1F
Reserved
3F
PSWH
(a) Special function registers
Note 1: Do not access reserved areas by the program.
Note 2: −: Cannot be accessed.
Note 3: Write-only registers and interrupt latches cannot use the read-modify-write instructions (bit manipulation
instructions such as SET, CLR, etc. and logical operation instructions such as AND, OR, etc.).
Note 4: When defining address 0003FH with assembler symbols, use GRBS.
Address 0003EH must be GPSW/GFLAG.
Figure 2.1.1 SFR and DBR (1/2)
(Timer register 1A)
(Timer register1B)
Watch-dog
timer control
(Timer register 2)
(system control)
(Interrupt enable register)
(Interrupt latch)
(program status word)
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com