Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CU74F Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 41Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 42Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 43Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 44Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 45Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 46Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 47Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 48Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-45
2.2.4
Port P3 (P32 to P30)
Port P3 is an 3-bit input/output port and serial interface (SIO1) input/output.
Input/output mode is specified by the port P3 input/output control register (P3CR).
During reset P3CR is initialized to “0” and Port P3 is input mode. The port P3 output
latches are initialized to “0”.
P3 is serial bus interface input/output.
When used as function pins set to output mode by Port P3 I/O control register, and I/O is
controlling by output data.
The output buffer can be change to the tri-state or shink-open drain by Port P3 I/O
control register (P3CR).
When a read instruction for port P3 is executed, bits 7 to 3 in P3 read is an undefined
data.
Note:
Input mode port reads the state of input pin. When input/output mode is used to mixed,
the contents of output latch setting to the input mode may be overwritten by executing bit
manipulation instructions.
7
6
5
4
3
2
1
0
P30
0
SCK
P3
(00003H)
P32
SCL
SI0
P31
SDA
SO0
(Initial value:
**** *000)
7
6
5
4
3
2
1
0
P3CR
(0002BH)
P3O
DR2
P3O
DR1
P3O
DR0
P3CR
(Initial value:
**00 0000)
P3CR
I/O control of port P3
(Setting per bit)
0: Input mode
1: Output mode
P3ODR0
P30 tri-state/open-drain control
P3ODR1
P31 tri-state/open-drain control
P3ODR2
P32 tri-state/open-drain control
0: Tri-state
1: Open-drain
Write
only
Figure 2.2.5 P3 and Port P3 I/O Control Register
D Q
P3CRi
Data input
Data output
Output control
Input control
Output latch
P3i
P3ODRi
Note 1:
*: Don’t care
Note 2: i = 2 to 0
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com