Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CU74F Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 13Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 14Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 15Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 16Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 17Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 18Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 19Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 20Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-17
3.
When the warming-up time has elapsed, normal operation resumes with the
instruction following the STOP mode start instruction (e.g. [SET (SYSCR1). 7]).
The start is made after the prescaler and the divider of the timing generator are
cleared to “0”.
Table 1.4.2 Warming-up Time Example (at fc
= 12.5 MHz, fs = 32.8 kHz)
Warming-up Time [ms]
Return to NORMAL mode
WUT
DV1CK
= 0
DV1CK
= 1
Return to SLOW mode
00
01
10
11
15.729
5.243
3.932
1.311
31.457
10.486
7.864
2.621
750
250
⎯
⎯
Note:
The warming-up time is obtained by dividing the basic clock by the divider: therefore, the
warming-up time may include a certain amount of error if there is any fluctuation of the
oscillation frequency when STOP mode is released. Thus, the warming-up time must be
considered an approximate value.
STOP mode can also be released by inputting low level on the RESET pin,
which immediately performs the normal reset operation.
Note:
When STOP mode is released with a low hold voltage, the following cautions must be
observed.
The power supply voltage must be at the operating voltage level before releasing STOP
mode. The RESET pin input must also be “H” level, rising together with the power supply
voltage. In this case, if an external time constant circuit has been connected, the RESET
pin input voltage will increase at a slower pace than the power supply voltage. At this time,
there is a danger that a reset may occur if input voltage level of the RESET pin drops below
the non-inverting high-level input voltage (hysteresis input).
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com