Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CU74F Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 92Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 93Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 94Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 95Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 96Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 97Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 98Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 99Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-96
2.10.6
Clocked-synchronous 8-Bit SIO Mode Control
The following registers are used to control the serial bus interface (SBI-ver.C) and
monitor the operation status in the clocked-synchronous 8-bit SIO mode.
Serial Bus Interface Control Register 1
7
6
5
4
3
2
1
0
SBICR1
(00020H)
SIOS
SIO
INH
SIOM
“0”
SCK
(Initial value: 0000
*000)
SIOS
Indicate transfer start/stop
0: Stop
1: Start
SIOINH
Continue/Abort transfer
0: Continue transfer
1: Abort transfer (automatically cleared after abort)
SIOM
Transfer mode select
00: 8-bit transmit mode
01: Reserved
10: 8-bit transmit/receive mode
11: 8-bit receive mode
SCK
Serial clock select
000: fc/2
5
(390 kHz)
001: fc/2
6
(195 kHz)
010: fc/2
7 (97.6 kHz)
011: fc/2
8 (48.8 kHz)
100: fc/2
9 (24.4 kHz)
101: fc/2
10 (12.2 kHz)
110: fc/2
11
(6.1 kHz)
111: External clock (input from SCK pin)
Write
only
Note 1:
*: Don’t care
Note 2:
Set the SIOS to “0” when setting the transfer mode or serial clock.
Note 3:
SBICR1 is write-only register, which cannot be used with any of read-modify-write instruction such as bit
manipulation, etc.
Serial Bus Interface Data Buffer Register
7
6
5
4
3
2
1
0
SBIDBR
(00021H)
R/W
Note:
Cannot read the data which was written into SBIDBR, since a write data buffer and a read buffer are
independent in SBIDBR. Therefore, SBIDBR cannot be used with any in read-modify-write instruction such as
bit manipulation, etc.
Serial Bus Interface Control Register 2
7
6
5
4
3
2
1
0
SBICR2
(00023H)
“0”
“0”
“0”
“1”
SBIM
“0”
“0”
(Initial value:
**** 00**)
SBIM
Serial bus interface operation
mode selection
00: Port mode (serial bus interface output disable)
01: Clocked-synchronous 8-bit SIO mode
10: I
2C bus mode
11: Reserved
Write
only
Note 1:
*: Don’t care
Note 2:
Switch a mode to port after data transfer is complete.
Note 3:
Switch a mode to I2C bus mode or clocked-synchronous 8-bit SIO mode after confirming that input signal via
port is high level.
Note 4:
SBICR2 is write-only register, which cannot be used with any of read-modify-write instruction such as bit
manipulation, etc.
Note 5:
Clear bits 7 to 5 and bits 1 to 0 in SBICR2 to “0”, and set bit 4 to “1”.
Serial Bus Interface Status Register
7
6
5
4
3
2
1
0
SBISR
(00023H)
“1”
“1”
“1”
“1”
SIOF
SEF
“1”
“1”
SIOF
Serial
transfer
operating
status monitor
0 : Transfer terminated
1 : Transfer in process
SEF
Shift operating status monitor
0 : Shift operation terminated
1 : Shift operation in process
Read
only
Figure 2.10.17 Control Register/Data Buffer Register/Status Register in SIO Mode
at fc
= 12.5 MHz
(Output on SCK pin)
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com