Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CU74F Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 54Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 55Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 56Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 57Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 58Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 59Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 60Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 61Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-58
Table 2.4.1 Watchdog Timer Detection Time (Example: fc
= 12.5 MHz, fs = 32.8 kHz)
Watchdog Timer Detection Time [s]
NORMAL1/2 Mode
DV7CK
= 0
DV7CK
= 1
WDTT
DV1CK
= 0
DV1CK
= 1
DV1CK
= 0
DV1CK
= 1
SLOW Mode
00
01
10
11
2.684 s
671.089 ms
167.772 ms
41.943 ms
5.369 s
1.342 s
335.544 ms
83.886 ms
4
s
1
s
250
ms
62.5 ms
4
s
1
s
250
ms
62.5 ms
4
s
1
s
250
ms
62.5 ms
2.4.3
Watchdog Timer Interrupt (INTWDT)
This is a pseudo non-maskable interrupt which can be accepted regardless of the
contents of the EIR. If a watchdog timer interrupt or a software interrupt is already
accepted, however, the new watchdog timer interrupt waits until the previous interrupt
processing is completed (the end of the [RETN] instruction execution).
The stack pointer (SP) should be initialized before using the watchdog timer output as an
interrupt source with WDTOUT.
Example: Watchdog timer interrupt setting up
LD
SP, 0023FH
;
Sets the stack pointer
LD
(WDTCR1), 00001000B
;
WDTOUT
← 0
2.4.4
Watchdog Timer Reset
If the watchdog timer output becomes active, a reset is generated, which drives the
RESET
pin (sink open drain input/output with pull-up) low to reset the internal hardware
and external circuits. The reset output time is about 8/fc to 24/fc [s] (0.64 to 1.92
μs at fc =
12.5 MHz, fcgck = fc).
Note:
The high-frequency clock oscillator also turns on when a watchdog timer reset is
generated in SLOW mode. The reset output time is 8/fc to 24/fc [s]. Therefore, the reset
time may include a certain amount of error if there is any fluctuation of the oscillation
frequency at starting the high-frequency clock oscillation. Thus, the reset time must be
considered an approximated value.
Figure 2.4.3 Watchdog Timer Interrupt/Reset
Clock
Binary counter
Overflow
INTWDT interrupt
WDT reset output
1
2
3
0
1
2
3
0
(WDTT
= 11B)
(“L” output)
(High-Z)
Writes 4EH to WDTCR2
2
17/fc
2
19/fc [s]
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com