Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CU74F Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 11Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 12Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 13Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 14Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 15Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 16Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 17Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 18Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-15
1.4.4
Operating Mode Control
(1) STOP mode (STOP1, STOP2)
STOP mode is controlled by the system control register 1 (SYSCR1) and the STOP
pin input. The STOP pin is also used both as a port P20 and an INT5 (external
interrupt input 5) pin. STOP mode is started by setting STOP (bit 7 in SYSCR1) to “1”.
During STOP mode, the following status is maintained.
1.
Oscillations are turned off, and all internal operations are halted.
2.
The data memory, registers, the program status word and port output latches are
all held in the status in effect before STOP mode was entered.
3.
The prescaler and the divider of the timing generator are cleared to “0”.
4.
The program counter holds the address of the instruction but one to the
instruction (e.g.[SET (SYSCR1).7]) which started STOP mode.
STOP mode includes a level-sensitive release mode and an edge-sensitive
release mode, either of which can be selected with the RELM (bit 6 in SYSCR1).
a.
Level-sensitive release mode (RELM = “1”)
In this mode, STOP mode is released by setting the STOP pin high. This mode
is used for capacitor back-up when the main power supply is cut off and long term
battery back-up.
When the STOP pin input is high, executing an instruction which starts STOP
mode will not place in STOP mode but instead will immediately start the release
sequence (warm-up). Thus, to start STOP mode in the level-sensitive release mode,
it is necessary for the program to first confirm that the STOP pin input is low. The
following two methods can be used for confirmation.
1.
Testing a port P20.
2.
Using an external interrupt input INT5 ( INT5 is a falling edge-sensitive input).
Example 1: Starting STOP mode from NORMAL mode by testing a port P20.
LD
(SYSCR1), 01010000B
;
Sets up the level-sensitive release mode
SSTOPH:
TEST
(P2). 0
;
Wait until the STOP pin input goes low
level
JRS
F, SSTOPH
SET
(SYSCR1). 7
;
Starts STOP mode
Example 2: Starting STOP mode from NORMAL mode with an INT5 interrupt.
PINT5:
TEST
(P2). 0
;
To reject noise, STOP mode does not
start if port P20 is at high
JRS
F, SINT5
LD
(SYSCR1), 01010000B
;
Sets up the level-sensitive release mode.
SET
(SYSCR1). 7
;
Starts STOP mode
SINT5:
RETI
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com