Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CU74F Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 45Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 46Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 47Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 48Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 49Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 50Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 51Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 52Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-49
2.2.8
Port 7 (P77 to P70)
Port 7 is an 8-bit high-breakdown voltage input/output port, and also used as a VFT
driver output, which can directly drive vacuum fluorescent tube (VFT).
When used as an VFT driver output, the output latch should be cleared to “0”.
Pins not used for VFT driver output can be used as I/O ports.
When use an VFT driver and normal input/output at the same time, VFT driver output
data buffer memory (DBF) need to cleared to “0”.
The output latches are initialized to “0” during reset.
It recommends that port 7 shoud be used to drive directly drive vacuum fluorescent tube
(VFT), since this port has a pull down resistance.
7
6
5
4
3
2
1
0
P77
P76
P75
P74
P73
P72
P71
P70
P7
(00007H)
V15
V14
V13
V12
V11
V10
V9
V8
(Initial value: 0000 0000)
Figure 2.2.9 Port P7
Data input
Data output
VFT driver output
CMP/MCMP/TEST/Others
Output latch
D Q
SET/CLR/
CPL/Others
Note: i = 7 to 0
VKK
P7i
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com