Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CU74F Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 93Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 94Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 95Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 96Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 97Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 98Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 99Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 100Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-97
(1) Serial clock
a.
Clock source
The SCK(bits 2 to 0 in SBICR1) is used to select the following functions.
1.
Internal clock
In an internal clock mode, any of seven frequencies can be selected. The serial
clock is output to the outside on the SCK0 pin. The SCK0 pin becomes a high
level when data transfer starts. When writing (in the transmit mode) or reading
(in the receive mode) data cannot follow the serial clock rate, an automatic-wait
function is executed to stop the serial clock automatically and hold the next shift
operation until reading or writing is complete.
Figure 2.10.18 Automatic Wait Function
2.
External clock (SCK = “111”)
An external clock supplied to the SCK0 pin is used as the serial clock. In order
to ensure shift operation, a pulse width of at least 4 machine cycles is required for
both high and low levels in the serial clock. The maximum data transfer frequency
is 390 kHz (fc = 12.5 MHz).
Figure 2.10.19 The Maximum Data Transfer Frequency in the External Clock Input
b.
Shift edge
The leading edge is used to transmit data, and the trailing edge is used to
receive data.
1.
Leading edge
Data is shifted on the leading edge of the serial clock (at a falling edge of the
SCK0
pin input/output).
2.
Trailing edge
Data is shifted on the trailing edge of the serial clock (at a rising edge of the
SCK0
pin input/output).
a0
automatic-wait function
0
SCK
pin output
SO0 pin output
Write transmitted
data
a
b
a1
a2
a7
b0
c0
c1
c2
c
1
2
6
7
8
1
2
3
1
2
3
7
8
a6
b7
b6
b5
b1 b4
a5
0
SCK
pin
tSCKL tSCKH
tSCKL, tSCKH
> 4 tcyc
Note: tcyc = 4/fc (in NORMAL mode, IDLE mode)
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com