Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CU74F Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 55Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 56Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 57Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 58Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 59Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 60Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 61Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 62Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-59
2.5
Divider Output (DVO )
Approximately 50% duty pulse can be output using the divider output circuit, which is useful
for piezoelectric buzzer drive. Divider output is from pin P13 ( DVO ). The P13 output latch
should be set to “1” and then the P13 should be configured as an output mode.
7
6
5
4
3
2
1
0
TBTCR
(00036H)
DVOEN
DVOCK
(DV7CK) (TBTEN)
(TBTCK)
(Initial value: 0
**0 0***)
DVOEN
Divider output enable/disable
0: Disable
1: Enable
NORMAL1/2, IDLE1/2 mode
DV7CK
= 0
DV7CK
= 1
DV1CK
= 0 DV1CK = 1 DV1CK = 0 DV1CK = 1
SLOW,
SLEEP
mode
00
fc/2
13
fc/2
14
fs/2
5
fs/2
5
fs/2
5
01
fc/2
12
fc/2
13
fs/2
4
fs/2
4
fs/2
4
10
fc/2
11
fc/2
12
fs/2
3
fs/2
3
fs/2
3
DVOCK
Divider output ( DVO )
frequency selection [Hz]
11
fc/2
10
fc/2
11
fs/2
2
fs/2
2
fs/2
2
R/W
Note: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz],
*: Don’t care
Figure 2.5.1 Divider Output Control Register
Example: 1.5 kHz pulse output (at fc = 12.5 MHz, DV1CK = 0)
SET
(P1).3
;
P13 output latch
← 1
LD
(P1CR), 00001000B
;
Configures P13 as an output mode
LD
(TBTCR), 10000000B
;
DVOEN
← 1, DVOCK ← 00
Table 2.5.1 Divider Output Frequency (Example: at fc
= 12.5 MHz, fs = 32.8 kHz)
Divider Output Frequency [kHz]
NORMAL1/2, IDLE1/2 MODE
DV7CK
= 0
DV7CK
= 1
DVOCK
DV1CK
= 0
DV1CK
= 1
DV1CK
= 0
DV1CK
= 1
SLOW, SLEEP
Mode
00
01
10
11
1.526 k
3.502
6.104
12.207
0.763 k
1.526
3.502
6.104
1.024 k
2.048
4.096
8.192
1.024 k
2.048
4.096
8.192
1.024 k
2.048
4.096
8.192
Figure 2.5.2 Divider Output
Data output
Output latch
P13 ( DVO )
Selector
D Q
fc/2
13, fc/214 or fs/25
fc/2
12 ,fc/213 or fs/24
fc/2
11 ,fc/212 or fs/23
fc/2
10 ,fc/211 or fs/22
A
B
C
D
S
Y
2
DVOCK
DVOEN
DVOCK
Divider output control register
(a) Configuration of divider output circuit
(b) Divider output timing chart
P13 output latch
DVOEN
DVO
pin output
Output enable (P1CR3)
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com