Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CU74F Datasheet(PDF) 85 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 85 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 81Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 82Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 83Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 84Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 85Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 86Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 87Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 88Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 89Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 132 page
background image
88CU74-85
TMP88CU74
2007-10-19
(1) Acknowledge mode specification
Set the ACK (bit 4 in SBICR1) to
“1” for operation in the acknowledge mode. The
TMP88CU74 generates an additional clock pulse for an acknowledge signal when
operating in the master mode. In the transmitter mode during the clock pulse cycle, the
SDA pin is released in order to receive the acknowledge signal from the receiver. In the
receiver mode during the clock pulse cycle, the SDA pin is set to the low level in order
to generate the acknowledge signal.
Reset the ACK for operation in the non-acknowledge mode. The TMP88CU74 does
not generate a clock pulse for the acknowledge signal when operating in the master
mode.
In the acknowledge mode, the TMP88CU74 counts a clock pulse for the acknowledge
signal when operating in the slave mode. During the clock pulse, when the received
slave address is the same as the value set at the I2CAR or when a GENERAL CALL is
received, the SDA pin is set to the low level in order to generate the acknowledge
signal.
In the transmitter mode during the clock pulse cycle after matching the slave
addresses or receiving a GENERAL CALL, the SDA pin is released in order to receive
the acknowledge signal from the receiver. In the receiver mode during the clock pulse
cycle, the SDA pin is set to the low level in order to generate the acknowledge signal.
In non-acknowledge mode, the TMP88CU74 does not count a clock pulse for the
acknowledge signal when operating in the slave mode.
(2) Number of transfer bits
The BC (bits 7 to 5 in SBICR1) is used to select a number of bits for transmitting and
receiving data.
Since the BC is cleared to
“000” as a start condition, a slave address and direction bit
transmissions are always executed in 8 bits. Other than these, the BC retains a
specified value.
(3) Serial clock
a. Clock source
The SCK (bits 2 to 0 in SBICR1) is used to select a maximum transfer frequency output
from the SCL pin in the master mode. Set a communication baud rate that meets the I2C
bus specification, such as the shortest pulse width of tLOW, based on the equations shown
below.
In both master mode and slave mode, a pulse width of at least 4 machine cycles is
required for both high and low levels.
Figure 2.10.5 Clock Source
1/fscl
tLOW
tHIGH
tLOW = 2 /fc
tHIGH = 2 /fc + 8/fc
fscl = 1/(tLOW + tHIGH)
n
n
fc:
(Bits 2 to 0 in the SBICR1)
000
001
010
011
100
101
110
4
5
6
7
8
9
10
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com