Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CU74F Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 5Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 6Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 7Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 8Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 9Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 10Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 11Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 12Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-9
Figure 1.4.2 Examples of Resonator Connection
Note:
Accurate Adjustment of the Oscillation Frequency
Although no hardware to externally and directly monitor the basic clock pulse is not provided, the
oscillation frequency can be adjusted by making the program to output fixed frequency pulse to the
port with disabling all interrupts and watchdog timers, and monitoring this pulse. With a system
requiring adjustment of the oscillation frequency, the adjusting program must be created
beforehand.
1.4.2
Timing Generator
The timing generator generates the various system clocks supplied to the CPU core and
peripheral hardware from the basic clock (fc or fs). The timing generator provides the
following functions.
1.
Generation of main system clock (fm)
2.
Generation of divider output ( DVO ) pulses
3.
Generation of source clocks for time base timer
4.
Generation of source clocks for watchdog timer
5.
Generation of internal source clocks for timer/counters TC1-TC6
6.
Generation of internal clocks for serial interfaces SIO and HSO
7.
Generation of source clocks for VFT driver circuit
8.
Generation of warm-up clocks for releasing STOP mode
9
Generation of a clock for releasing reset output
(1) Configuration of timing generator
The timing generator consists of a 3-stage prescaler, a 21-stage divider, a main
system clock generator, and machine cycle counters.
The clock fc/4 or fc/8, that is output from the 2nd stage or the 3rd stage of the
prescaler, can be selected as the clock to input to the 1st stage of the divider by DV1CK
(bit 5 in CGCR). Inputting fc/8 to the 1st stage of the divider operates the peripheral
circuit without the setting change when the operation clock is multiplied by 2.
(Example: 8 MHz to 12.5 MHz)
The DV1CK should be set the peripheral circuit prior to starting the peripheral
circuits. Do not change the set value after setting.
An input clock to the 7th stage of the divider depends on the operating mode, DV1CK
(bit 5 in DVCR), and DV7CK(bit 4 in TBTCR), that is shown in Table 1.4.1. As reset
and STOP mode started/canceled, The prescaler and the divider are cleared to “0”.
(a) Crystal/Ceramic resonator
(b) External oscillator
(c) Crystal
(d) External oscillator
High-frequency clock
Low-frequency clock
XIN
XOUT
XIN
XOUT
(Open)
XTIN
XTOUT
XTIN
XTOUT
(Open)
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com