Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CU74F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 3Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 4Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 5Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 6Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 7Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 8Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 9Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 10Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-7
Operational Description
1.
CPU Core Functions
The CPU core consists of a CPU, a system clock controller, an interrupt controller, and a
watchdog timer.
This section provides a description of the CPU core, the program memory (ROM), the data
memory (RAM), and the reset circuit.
1.1
Memory Address Map
TLCS-870/X Series, the memory is organized 4 address spaces (ROM, RAM, SFR, and DBR).
Figure 1.1.1 shows the memory address maps of the TMP88CU74. It uses a memory mapped
I/O system, and all I/O registers are mapped in the SFR/DBR address spaces. There are 16
banks of general-purpose registers.
Figure 1.1.1 Memory Address Maps
1.2
Program Memory (ROM)
The TMP88CU74 has a 96 Kbytes (addresses 04000H to 1BFFFH) and 256 bytes (addresses
FFF00H to FFFFFH) of program memory (mask programmed ROM). Figure 1.1.1 shown in
Memory address maps.
Addresses FFF00H to FFFFFH in the program memory can also be used for special purposes.
64 bytes
00000H
0003F
1920 bytes
SFR
RAM
128 bytes
00040
000BF
000C0
0083F
Register banks
(8 registers
× 16 banks)
ROM: Read Only Memory includes:
Program memory
Vector table
RAM: Random Access Memory includes:
Data memory
Stack
General-purpose register banks
SFR: Special Function Register includes:
I/O ports
Peripheral control registers
Peripheral status registers
System control registers
Interrupt control registers
Program Status Word
DBR: Data Buffer Register includes:
SIO data buffer
VFT display data buffer
128 bytes
00F80
00FFF
04000
1BFFF
98304
bytes
64 bytes
64 bytes
64 bytes
64 bytes
FFF00
FFF3F
FFF40
FFF7F
FFF80
FFFBF
FFFC0
FFFFF
DBR
ROM
TMP88CU74
Vector table for interrupts/
Reset (16 vectors)
Vector table for vector call
instructions (16 vectors)
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com