Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1774 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1774 Datasheet HTML 30Page - Texas Instruments PCM1774 Datasheet HTML 31Page - Texas Instruments PCM1774 Datasheet HTML 32Page - Texas Instruments PCM1774 Datasheet HTML 33Page - Texas Instruments PCM1774 Datasheet HTML 34Page - Texas Instruments PCM1774 Datasheet HTML 35Page - Texas Instruments PCM1774 Datasheet HTML 36Page - Texas Instruments PCM1774 Datasheet HTML 37Page - Texas Instruments PCM1774 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
MBST: BCK Output Configuration in Master Mode
Default value: 0
This bit is used to control the BCK output configuration in master mode. In master mode, this bit sets the BCK
output configuration to normal mode or burst mode. In normal mode (MBST = 0), the BCK clock runs
continuously. In burst mode (MBST = 1), the BCK clock runs intermittently, and the number of clock cycles per
LRCK period is reduced to equal the number of bits of audio data being transmitted. Operating in burst mode
reduces the power consumption of VIO (I/O cell power supply). This is effective in master mode (register 69
MSTR = 1).
MBST = 0
Normal mode (default)
MBST = 1
Burst mode
ZCRS: Zero-Cross for Digital Attenuation/Mute and Analog Gain Setting
Default value: 0
This bit is used to enable the zero-cross detector, which reduces zipper noise while the digital soft mute, digital
attenuation analog gain setting, or analog volume setting is being changed. If no zero-cross data is input for a
512/fS period (10.6 ms at a 48-kHz sampling rate), then a time-out occurs and the PCM1774 starts changing the
attenuation, gain, or volume level. The zero-cross detector cannot be used with continuous-zero and dc data.
ZCRS = 0
Zero-cross disabled (default)
ZCRS = 1
Zero-cross enabled
Register 87
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 87
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
AIR1
AIR0
RSV
RSV
AIL1
AIL0
IDX[6:0]: 101 0111b (57h): Register 87
AIL0: AIN1L Selector (MUX1)
Default value: 0
This bit is used to select the analog input, AIN1L.
AIL0
AIN L-channel Select
0
Disconnect (default)
1
AIN1L
AIR0: AIN1R Selector (MUX2)
Default value: 0
This bit is used to select one of the three stereo analog inputs, AIN1R.
AIR0
AIN R-channel Select
0
Disconnect (default)
1
AIN1R
34
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com