Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1774 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM1774 Datasheet HTML 11Page - Texas Instruments PCM1774 Datasheet HTML 12Page - Texas Instruments PCM1774 Datasheet HTML 13Page - Texas Instruments PCM1774 Datasheet HTML 14Page - Texas Instruments PCM1774 Datasheet HTML 15Page - Texas Instruments PCM1774 Datasheet HTML 16Page - Texas Instruments PCM1774 Datasheet HTML 17Page - Texas Instruments PCM1774 Datasheet HTML 18Page - Texas Instruments PCM1774 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
www.ti.com
Audio Serial Interface
PCM1774
SLAS551 – JULY 2007
Table 5. Power Consumption Table (continued)
OPERATION MODE
CONDITION
VOL
POWER SUPPLY CURRENT [mA]
PD [mW]
[V]
VIO
VDD
VCC
VPA
TOTAL
Zero Data
1.8
0
0
–
–
0.0
fS = 44.1 kHz
2.8
0
0
–
–
0.0
RL = 16 Ω
3.3
0
0
–
–
0.0
No Digital Input(1)
Headphone Output with Stereo
Analog Mixing
2.4
–
–
0.68
0.38
2.5
2.8
–
–
0.69
0.41
3.1
3.3
–
–
0.71
0.46
3.9
Zero Data
1.8
0
0
–
–
0.0
fS = 44.1 kHz
2.8
0
0
–
–
0.0
RL = 16 Ω
3.3
0
0
–
–
0.0
No Digital Input(1)
Headphone Output with Mono
Analog Mixing
2.4
–
–
0.52
0.38
2.2
2.8
–
–
0.54
0.42
2.7
3.3
–
–
0.55
0.46
3.3
(1)
All digital inputs are held static.
The audio serial interface for the PCM1774 comprises LRCK, BCK, DIN, and DOUT. Sampling rate (fS), left and
right channel are present on LRCK. DIN receives the serial data for the DAC interpolation filter, and DOUT
transmits the serial data from the ADC decimation filter. BCK clocks the transfer of serial audio data on DIN and
DOUT in its high-to-low transition. BCK and LRCK should be synchronized with audio system clock. Ideally, it is
recommended that they be derived from it.
The PCM1774 requires LRCK to be synchronized with the system clock. The PCM1774 does not require a
specific phase relationship between LRCK and the system clock.
The PCM1774 has both master mode and slave mode interface formats, which can be selected by register 84
(MSTR). In master mode, the PCM1774 generates LRCK and BCK from the system clock.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com