Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1774 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1774 Datasheet HTML 1Page - Texas Instruments PCM1774 Datasheet HTML 2Page - Texas Instruments PCM1774 Datasheet HTML 3Page - Texas Instruments PCM1774 Datasheet HTML 4Page - Texas Instruments PCM1774 Datasheet HTML 5Page - Texas Instruments PCM1774 Datasheet HTML 6Page - Texas Instruments PCM1774 Datasheet HTML 7Page - Texas Instruments PCM1774 Datasheet HTML 8Page - Texas Instruments PCM1774 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 16-bit data (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Load resistance
16
Ω
200 Hz, 140 mVPP
–40
PSRR
Power-supply rejection ratio
1 kHz, 140 mVPP
–45
dB
20 kHz, 140 mVPP
–32
Line Input to Headphone Output Through Mixing Path (HPOL and HPOR)
RL = 16 Ω or 32 Ω, ALC = OFF, volume = 0 dB, speaker = powered down, analog mixing = enabled, not capless mode
DYNAMIC PERFORMANCE
2.828
VPP
Full-scale output voltage
0 dB
1
Vrms
SNR
Signal-to-noise ratio
EIAJ, A-weighted
84
93
dB
Load resistance
16
Ω
Filter Characteristics
INTERPOLATION FILTER FOR DAC
Pass band
0.454 fS
Stop band
0.546 fS
Pass-band ripple
±0.04
dB
Stop-band attenuation
–50
dB
Group delay
19/fs
s
De-emphasis error
±0.1
dB
ANALOG FILTER
Frequency response
f = 20 kHz
±0.2
dB
Power Supply and Supply Current
VIO
1.71
3.3
3.6
VDD
1.71
3.3
3.6
Voltage range
Vdc
VCC
2.4
3.3
3.6
VPA
2.4
3.3
3.6
BPZ input, all active, no load
4.5
10
mA
Supply current
All inputs are held static
1
10
μA
BPZ input
14.8
33
mW
Power dissipation
All inputs are held static
3.3
33
μW
Temperature Condition
Operation temperature
–40
85
°C
θJA
Thermal resistance
40
°C/W
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com