Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1774 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Datasheet(HTML) 41 Page - Texas Instruments

Back Button PCM1774 Datasheet HTML 37Page - Texas Instruments PCM1774 Datasheet HTML 38Page - Texas Instruments PCM1774 Datasheet HTML 39Page - Texas Instruments PCM1774 Datasheet HTML 40Page - Texas Instruments PCM1774 Datasheet HTML 41Page - Texas Instruments PCM1774 Datasheet HTML 42Page - Texas Instruments PCM1774 Datasheet HTML 43Page - Texas Instruments PCM1774 Datasheet HTML 44Page - Texas Instruments PCM1774 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
Register 125
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 125
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
PTM1
PTM0
RES4
RES3
RES2
RES1
RES0
IDX[6:0]: 111 1101b (7Dh): Register 125
PTM[1:0]: Power-Up/Down Time Control
Default value: 00
RES[4:0]: Resister Value Control
Default value: 1 1100
These bits are used to optimize audible pop noise and ramp up time for headphone output at device power
on/off.
Table 11. Power Up/Down Time Control
RES[1:0]
VCOM REGISTER VALUE
1 0000
60 k
Ω
1 1000
24 k
Ω
1 1100
12 k
Ω
1 1110
6 k
Ω
Others
Reserved
VCOM CAPACITOR
POWER-UP TIME
POWER-DOWN
RES[4:0]
PTM[1:0]
NOTE
[
μF]
[ms]
TIME [ms]
1 1110
00
450
750
1 1100
11
900
1500
10
1 1000
Do not set.
–
–
1 0000
Do not set.
–
–
1 1110
01
250
400
1 1100
00
450
750
Default
4.7
1 1000
11
900
1500
1 0000
Do not set.
–
–
1 1110
10
100
300
1 1100
01
250
400
2.2
1 1000
00
450
750
1 0000
11
900
1500
1 1110
Do not set.
–
–
1 1100
10
100
300
1
1 1000
01
250
400
1 0000
00
450
750
41
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com