Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1774 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1774 Datasheet HTML 13Page - Texas Instruments PCM1774 Datasheet HTML 14Page - Texas Instruments PCM1774 Datasheet HTML 15Page - Texas Instruments PCM1774 Datasheet HTML 16Page - Texas Instruments PCM1774 Datasheet HTML 17Page - Texas Instruments PCM1774 Datasheet HTML 18Page - Texas Instruments PCM1774 Datasheet HTML 19Page - Texas Instruments PCM1774 Datasheet HTML 20Page - Texas Instruments PCM1774 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
www.ti.com
DIN
BCK
(Output)
LRCK
(Output)
50%ofV
IO
SCKI
t(SCY)
t(DL)
50%ofV
IO
50%ofV
IO
50%ofV
IO
tw(BCH)
tw(BCL)
t(DB)
t(DB)
t(BCY)
t(DH)
t(DS)
PCM1774
SLAS551 – JULY 2007
PARAMETERS
MIN
MAX
UNIT
t(SCY)
SCKI pulse cycle time
1/(256 fS)
(1)
t(DL)
LRCK edge from SCKI rising edge
0
40
ns
t(DB)
BCK edge from SCKI rising edge
0
40
ns
t(BCY)
BCK pulse cycle time
1/(64 fS)
(1)
tw(BCH)
BCK high level time
146
ns
tw(BCL)
BCK low level time
146
ns
t(DS)
DATA setup time
10
ns
t(DH)
DATA hold time
10
ns
(1)
fS is up to 48 kHz. fS is the sampling frequency.
Figure 15. Audio Interface Timing (Master Mode)
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com