Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1774 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1774 Datasheet HTML 17Page - Texas Instruments PCM1774 Datasheet HTML 18Page - Texas Instruments PCM1774 Datasheet HTML 19Page - Texas Instruments PCM1774 Datasheet HTML 20Page - Texas Instruments PCM1774 Datasheet HTML 21Page - Texas Instruments PCM1774 Datasheet HTML 22Page - Texas Instruments PCM1774 Datasheet HTML 23Page - Texas Instruments PCM1774 Datasheet HTML 24Page - Texas Instruments PCM1774 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
www.ti.com
Packet Protocol
9
SDA
SCL
St
Start
1−7
8
1−8
9
1−8
9
Sp
Stop
Slave Address
ACK
DATA
ACK
DATA
ACK
Condition
Condition
R/W
Write Operation
Transmitter
M
M
M
S
S
M
S
M
Data Type
St
Slave Address
R/W
ACK
ACK
DATA
ACK
Sp
R/W:
Read Operation if 1; Otherwise, Write Operation
ACK:
Acknowledgement of a Byte if 0
DATA: 8 Bits (Byte)
T0049-03
M: Master Device
St: Start Condition
M
DATA
Read Operation
Transmitter
M
M
M
S
M
S
M
M
Data Type
St
Slave Address
R/W
ACK
ACK
DATA
NACK
Sp
S
DATA
S: Slave Device
Sp: Stop Condition
Transmitter
M
M
Data Type
Slave Address
Reg Address
Write Data
R0002-01
M: Master Device S: Slave Device
St: Start Condition W: Write ACK: Acknowledge Sp: Stop Condition
M
M
S
M
St
W
ACK
Sp
S
ACK
M
S
ACK
PCM1774
SLAS551 – JULY 2007
The master device must control packet protocol, which consists of start condition, slave address with read/write
bit, data (if write) or acknowledgment (if read), and stop condition. The PCM1774 supports only slave receiver
and slave transmitter.
Figure 20. Basic I2C Framework
WRITE OPERATION
The master can write any PCM1774 registers in a single access. The master sends a PCM1774 slave address
with a write bit, a register address, and data. When undefined registers are accessed, the PCM1774 does not
send any acknowledgment. Figure 21 shows a diagram of the write operation.
Figure 21. Framework for Write Operation
READ OPERATION
The master can read PCM1774 register. The value of the register address is stored in an indirect index register
in advance. The master sends a PCM1774 slave address with a read bit after storing the register address. Then
the PCM1774 transfers the data which the index register specifies. Figure 22 shows a diagram of the read
operation.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com