Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1774 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1774 Datasheet HTML 10Page - Texas Instruments PCM1774 Datasheet HTML 11Page - Texas Instruments PCM1774 Datasheet HTML 12Page - Texas Instruments PCM1774 Datasheet HTML 13Page - Texas Instruments PCM1774 Datasheet HTML 14Page - Texas Instruments PCM1774 Datasheet HTML 15Page - Texas Instruments PCM1774 Datasheet HTML 16Page - Texas Instruments PCM1774 Datasheet HTML 17Page - Texas Instruments PCM1774 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
Table 5. Power Consumption Table
OPERATION MODE
CONDITION
VOL
POWER SUPPLY CURRENT [mA]
PD [mW]
[V]
VIO
VDD
VCC
VPA
TOTAL
Zero Data
1.8
0.000
0.000
–
–
0.000
fS = 44.1 kHz
2.8
0.000
0.000
–
–
0.000
RL = 0 Ω
3.3
0.000
0.000
–
–
0.000
All Power Down
2.4
–
–
0.001
0.000
0.002
2.8
–
–
0.001
0.000
0.003
3.3
–
–
0.001
0.000
0.003
Zero Data
1.8
0
0.84
–
–
1.5
fS = 44.1 kHz
2.8
0.03
1.47
–
–
4.2
RL = 0 Ω
3.3
0.04
1.84
–
–
6.2
All Active
2.4
–
–
1.68
0.38
4.9
2.8
–
–
1.81
0.41
6.2
3.3
–
–
1.96
0.46
8.0
Zero Data
1.8
0
0.84
–
–
1.5
fS = 44.1 kHz
2.8
0.03
1.47
–
–
4.2
RL = 10 Ω
3.3
0.04
1.84
–
–
6.2
Line Output
2.4
–
–
1.38
0.38
4.2
2.8
–
–
1.50
0.41
5.3
3.3
–
–
1.64
0.46
6.9
Zero Data
1.8
0
0.84
–
–
1.5
fS = 44.1 kHz
2.8
0.03
1.47
–
–
4.2
RL = 16 Ω
3.3
0.04
1.84
–
–
6.2
Headphone Output
2.4
–
–
1.38
0.38
4.2
2.8
–
–
1.50
0.41
5.3
3.3
–
–
1.65
0.46
7.0
Zero Data
1.8
0
1.29
–
–
2.3
fS = 44.1 kHz
2.8
0.03
2.26
–
–
6.4
RL = 16 Ω
3.3
0.04
2.82
–
–
9.4
Headphone Output with Sound
Effect
2.4
–
–
1.38
0.38
4.2
2.8
–
–
1.50
0.42
5.4
3.3
–
–
1.64
0.46
6.9
Zero Data
1.8
0
0.84
–
–
1.5
fS = 44.1 kHz
2.8
0.03
1.47
–
–
4.2
RL = 16 Ω
3.3
0.04
1.84
–
–
6.2
Headphone Output with Stereo
Analog Mixing
2.4
–
–
1.68
0.38
4.9
2.8
–
–
1.81
0.41
6.2
3.3
–
–
1.96
0.46
8.0
Zero Data
1.8
0
0.84
–
–
1.5
fS = 44.1 kHz
2.8
0.03
1.47
–
–
4.2
RL = 16 Ω
3.3
0.04
1.84
–
–
6.2
Headphone Output with Mono
Analog Mixing
2.4
–
–
1.53
0.38
4.6
2.8
–
–
1.66
0.41
5.8
3.3
–
–
1.81
0.46
7.5
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com