Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1774 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM1774 Datasheet HTML 32Page - Texas Instruments PCM1774 Datasheet HTML 33Page - Texas Instruments PCM1774 Datasheet HTML 34Page - Texas Instruments PCM1774 Datasheet HTML 35Page - Texas Instruments PCM1774 Datasheet HTML 36Page - Texas Instruments PCM1774 Datasheet HTML 37Page - Texas Instruments PCM1774 Datasheet HTML 38Page - Texas Instruments PCM1774 Datasheet HTML 39Page - Texas Instruments PCM1774 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
Register 89
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 89
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
GMR2
GMR1
GMR0
RSV
GML2
GML1
GML0
IDX[6:0]: 101 1001b (59h): Register 89
GMR[2:0]: Gain Level Control for PG6 (Gain Amplifier for Analog Input or R-Channel Bypass)
GML[2:0]: Gain Level Control for PG5 (Gain Amplifier for Analog Input or L-Channel Bypass)
Default value: 000
These bits are used for setting the gain level of the analog source to the mixing amplifier. It is recommended to
set the gain level to avoid saturation in the analog mixer.
GMR[2:0]
Gain Level Control for PG6
GML[2:0]
Gain Level Control for PG5
0 0 0
–21 dB (default)
0 0 1
–18 dB
0 1 0
–15 dB
0 1 1
–12 dB
1 0 0
–9 dB
1 0 1
–6 dB
1 1 0
–3 dB
1 1 1
0 dB
Register 90
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 90
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
RSV
RSV
G20R
G20L
IDX[6:0]: 101 1010b (5Ah): Register 90
G20R: 20-dB Boost for PG2 (Gain Amplifier for AIN1R)
Default value: 0
This bit is used to boost the microphone signal when the analog input is small.
G12R
G20R
PG2 GAIN
(REGISTER 124)
(REGISTER 90)
0
0
0 dB (default)
0
1
20 dB
1
0
12 dB
1
1
Reserved
G20L: 20-dB Boost for PG1 (Gain Amplifier for AIN1L)
Default value: 0
This bit is used to boost the microphone signal when the analog input is small.
G12L
G20L
PG1 GAIN
(REGISTER 124)
(REGISTER 90)
0
0
0 dB (default)
0
1
20 dB
1
0
12 dB
1
1
Reserved
36
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com