Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1774 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1774 Datasheet HTML 21Page - Texas Instruments PCM1774 Datasheet HTML 22Page - Texas Instruments PCM1774 Datasheet HTML 23Page - Texas Instruments PCM1774 Datasheet HTML 24Page - Texas Instruments PCM1774 Datasheet HTML 25Page - Texas Instruments PCM1774 Datasheet HTML 26Page - Texas Instruments PCM1774 Datasheet HTML 27Page - Texas Instruments PCM1774 Datasheet HTML 28Page - Texas Instruments PCM1774 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
Registers 68 and 69
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 68
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
PMUL
ATL5
ATL4
ATL3
ATL2
ATL1
ATL0
Register 69
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
PMUR
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
IDX[6:0]: 100 0100b (44h): Register 68
IDX[6:0]: 100 0101b (45h): Register 69
PMUL: Digital Soft Mute Control for DAL (DAC L-Channel)
PMUR: Digital Soft Mute Control for DAR (DAC R-Channel)
Default value: 0
The digital inputs of the DAC can be independently muted by setting PMUL and PMUR = 1. The digital data is
changed from the current attenuation level to mute level by a 1-dB step for every 8/fS time period. When PMUL
and PMUR are set to 0, the digital data is changed from the mute level to the current attenuation level by a 1-dB
step for every 8/fS time period. In the PCM1774, audible zipper noise can be reduced by selecting zero-cross
detection (register 86, ZCRS).
PMUL, PMUR = 0
Mute disabled (default)
PMUL, PMUR = 1
Mute enabled
ATL[5:0]: Digital Attenuation Setting for DAL (DAC L-Channel)
ATR[5:0]: Digital Attenuation Setting for DAR (DAC R-Channel)
Default value: 11 1111b
The digital inputs of the DAC can be independently attenuated. The attenuation of the digital input is changed by
a 1-dB step for every 8/fS time period. Audible zipper noise in the PCM1774 can be reduced by selecting
zero-cross detection (register 86, ZCRS).
Table 8. Digital Attenuation Setting
ATL[5:0],
ATTENUATION LEVEL
ATL[5:0],
ATTENUATION LEVEL
ATL[5:0],
ATTENUATION LEVEL
ATR[5:0]
SETTING
ATR[5:0]
SETTING
ATR[5:0]
SETTING
11 1111
3F
0 dB (default)
10 1001
29
–22 dB
01 0011
13
–44 dB
11 1110
3E
–1 dB
10 1000
28
–23 dB
01 0010
12
–45 dB
11 1101
3D
–2 dB
10 0111
27
–24 dB
01 0001
11
–46 dB
11 1100
3C
–3 dB
10 0110
26
–25 dB
01 0000
10
–47 dB
11 1011
3B
–4 dB
10 0101
25
–26 dB
00 1111
0F
–48 dB
11 1010
3A
–5 dB
10 0100
24
–27 dB
00 1110
0E
–49 dB
11 1001
39
–6 dB
10 0011
23
–28 dB
00 1101
0D
–50 dB
11 1000
38
–7 dB
10 0010
22
–29 dB
00 1100
0C
–51 dB
11 0111
37
–8 dB
10 0001
21
–30 dB
00 1011
0B
–52 dB
11 0110
36
–9 dB
10 0000
20
–31 dB
00 1010
0A
–53 dB
11 0101
35
–10 dB
01 1111
1F
–32 dB
00 1001
09
–54 dB
11 0100
34
–11 dB
01 1110
1E
–33 dB
00 1000
08
–55 dB
11 0011
33
–12 dB
01 1101
1D
–34 dB
00 0111
07
–56 dB
11 0010
32
–13 dB
01 1100
1C
–35 dB
00 0110
06
–57 dB
11 0001
31
–14 dB
01 1011
1B
–36 dB
00 0101
05
–58 dB
11 0000
30
–15 dB
01 1010
1A
–37 dB
00 0100
04
–59 dB
10 1111
2F
–16 dB
01 1001
19
–38 dB
00 0011
03
–60 dB
10 1110
2E
–17 dB
01 1000
18
–39 dB
00 0010
02
–61 dB
10 1101
2D
–18 dB
01 0111
17
–40 dB
00 0001
01
–62 dB
10 1100
2C
–19 dB
01 0110
16
–41 dB
00 0000
00
Mute
10 1011
2B
–20 dB
01 0101
15
–42 dB
10 1010
2A
–21 dB
01 0100
14
–43 dB
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com