Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1774 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1774 Datasheet HTML 9Page - Texas Instruments PCM1774 Datasheet HTML 10Page - Texas Instruments PCM1774 Datasheet HTML 11Page - Texas Instruments PCM1774 Datasheet HTML 12Page - Texas Instruments PCM1774 Datasheet HTML 13Page - Texas Instruments PCM1774 Datasheet HTML 14Page - Texas Instruments PCM1774 Datasheet HTML 15Page - Texas Instruments PCM1774 Datasheet HTML 16Page - Texas Instruments PCM1774 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
www.ti.com
Power-Supply Current
PCM1774
SLAS551 – JULY 2007
Table 3. Recommended Power-On Sequence
REGISTER
STEP
NOTE
SETTINGS
1
–
Turn on all power supplies(1)
2
4027h
Headphone amplifier L-ch volume (–6 dB)(2)
3
4127h
Headphone amplifier R-ch volume (–6 dB)(2)
6
4427h
Digital attenuator L-ch (–24 dB)(2)
7
4527h
Digital attenuator R-ch (–24 dB) (2)
8
4620h
DAC audio interface format (left-justified)(3)
12
49E0h
DAC (DAL, DAR) and analog bias power up
13
5601h
Zero-cross detection enable
14
4803h
Analog mixer (MXL, MXR) power up
15
5811h
Analog mixer input (SW2, SW5) select
16
49ECh
Headphone amplifier (HPL, HPR, HPC) power up
18
4A01h
VCOM power up
19
5230h
Analog front end (D2S, MCB, PG1, 2, 5, 6) power up
20
5711h
Analog input (MUX3, MUX4) select. Analog input (MUX1, MUX2) select
(1)
VDD should be turned on prior to or simultaneously with, the other power supplies. It is recommended to set register data with the
system clock input after turning all power supplies on.
(2)
Any level is acceptable for volume or attenuation. Level should be resumed by register data recorded when system powers off.
(3)
Audio interface format should be set to match the DSP or decoder being used.
Table 4. Recommended Power-Off Sequence
REGISTER
STEP
NOTE
SETTINGS
1
447Fh
DAC L-ch digital soft-mute enable(1)
2
457Fh
DAC R-ch digital soft-mute enable(1)
4
5811h
Analog mixer input (SW2, SW5) select
5
49ECh
Headphone amplifier (HPL, HPR, HPC) power up(2)
6
5200h
Analog front end (D2S, MCB, PG1, 2, 5, 6) power down
7
5A00h
PG1, PG2 gain control (0 dB)
8
4A00h
VCOM power down
9
–
Wait time (750 ms) (3)
10
49E0h
Headphone amplifier (HPL, HPR, HPC) power down, speaker amplifier (SPL, SPR) power down
11
4800h
Analog mixer (MXL, MXR) power down
12
4900h
DAC (DAL, DAR) and analog bias power down
13
–
Turn off all power supplies.(4)
(1)
Any level is acceptable for volume or attenuation.
(2)
The headphone amplifier must be operating during the power-off sequence.
(3)
PCM1774 requires time for VCOM to reach the ground level from the common level. The wait time allowed depends on the settings of
register 125 PTM[1:0], RES[4:0]. The default setting is 750 ms for VCOM = 4.7 μF.
(4)
Power supply sequencing is not required. It is recommended to turn off all power supplies after setting the registers with the system
clock input.
The current consumption of the PCM1774 depends on power up/down status of each circuit module. In order to
reduce the power consumption, disabling each module is recommended when it is not used in an application or
operation. Table 5 shows the current consumption in some states.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com