Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1774 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM1774 Datasheet HTML 31Page - Texas Instruments PCM1774 Datasheet HTML 32Page - Texas Instruments PCM1774 Datasheet HTML 33Page - Texas Instruments PCM1774 Datasheet HTML 34Page - Texas Instruments PCM1774 Datasheet HTML 35Page - Texas Instruments PCM1774 Datasheet HTML 36Page - Texas Instruments PCM1774 Datasheet HTML 37Page - Texas Instruments PCM1774 Datasheet HTML 38Page - Texas Instruments PCM1774 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
Register 88
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 88
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
MXR2
MXR1
MXR0
RSV
MXL2
MXL1
MXL0
IDX[6:0]: 101 1000b (58h): Register 88
MXR2: Mixing SW6 to MXR (R-Channel Mixing Amplifier) From L-Channel Analog Input
Default value: 0
This bit is used to mix the analog source into MXR (R-ch mixing amplifier) from the L-ch analog input.
MXR2 = 0
Disable (default)
MXR2 = 1
Enable
MXR1: Mixing SW4 to MXR (R-Channel Mixing Amplifier) From R-Channel Analog Input
Default value: 0
This bit is used to mix the analog source into MXR (R-ch mixing amplifier) from the R-ch analog input.
MXR1 = 0
Disable (default)
MXR1 = 1
Enable
MXR0: Mixing SW5 to MXR (R-Channel Mixing Amplifier) From R-Channel DAC
Default value: 0
This bit is used to mix the analog source into MXR (R-ch mixing amplifier) from the R-ch DAC.
MXR0 = 0
Disable (default)
MXR0 = 1
Enable
MXL2: Mixing SW3 to MXL (L-Channel Mixing Amplifier) From R-Channel Analog Input
Default value: 0
This bit is used to mix the analog source into MXL (L-ch mixing amplifier) from the R-ch analog input.
MXL2 = 0
Disable (default)
MXL2 = 1
Enable
MXL1: Mixing SW1 to MXL (L-Channel Mixing Amplifier) From L-Channel Analog Input
Default value: 0
This bit is used to mix the analog source into MXL (L-ch mixing amplifier) from the L-ch analog input.
MXL1 = 0
Disable (default)
MXL1 = 1
Enable
MXL0: Mixing SW2 to MXL (L-Channel Mixing Amplifier) From L-Channel DAC
Default value: 0
This bit is used to mix the analog source into MXL (L-ch mixing amplifier) from the L-ch DAC.
MXL0 = 0
Disable (default)
MXL0 = 1
Enable
35
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com