Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1774 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM1774 Datasheet HTML 23Page - Texas Instruments PCM1774 Datasheet HTML 24Page - Texas Instruments PCM1774 Datasheet HTML 25Page - Texas Instruments PCM1774 Datasheet HTML 26Page - Texas Instruments PCM1774 Datasheet HTML 27Page - Texas Instruments PCM1774 Datasheet HTML 28Page - Texas Instruments PCM1774 Datasheet HTML 29Page - Texas Instruments PCM1774 Datasheet HTML 30Page - Texas Instruments PCM1774 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
Register 72
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 72
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
RSV
RSV
PMXR
PMXL
IDX[6:0]: 100 1000b (48h) Register 72
PMXR: Power Up/Down for MXR (Mixer R-Channel)
PMXL: Power Up/Down for MXL (Mixer L-Channel)
Default value: 0
These bits are used to control power up/down for the analog mixer.
PMXL, PMXR = 0
Power down (default)
PMXL, PMXR = 1
Power up
Register 73
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 73
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
PBIS
PDAR
PDAL
RSV
PHPR
PHPL
RSV
RSV
IDX[6:0]: 100 1001b (49h): Register 73
PBIS: Power Up/Down Control for Bias
Default value: 0
This bit is used to control power up/down for the analog bias circuit.
PBIS = 0
Power down (default)
PBIS = 1
Power up
PDAR: Power Up/Down Control for DAR (DAC and R-Channel Digital Filter)
PDAL: Power Up/Down Control for DAL (DAC and L-Channel Digital Filter)
Default value: 0
These bits are used to control power up/down for the DAC and interpolation filter.
PDAR, PDAL = 0
Power down (default)
PDAR, PDAL = 1
Power up
PHPR: Power Up/Down Control for HPR (Line or R-Channel Headphone Output)
PHPL: Power Up/Down Control for HPL (Line or L-Channel Headphone Output)
Default value: 0
These bits are used to control power up/down for the headphone amplifier.
PHPR, PHPL = 0
Power down (default)
PHPR, PHPL = 1
Power up
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com