Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 2Page - Omron Electronics LLC NA-RTSM Datasheet HTML 3Page - Omron Electronics LLC NA-RTSM Datasheet HTML 4Page - Omron Electronics LLC NA-RTSM Datasheet HTML 5Page - Omron Electronics LLC NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NYP
6
Note: Orders for NY000-AS02 are no longer accepted, as of November 30, 2018.
*1. Select the required type. Industrial Panel PC and Industrial Monitor type only.
NY000-AB06: for NYP35-
@0@@@-12WC, NYP2C-@0@@@-12WC, NYP2A-@0@@@-12WC, NYP65-@0@@@-12WC,
NYP13-
@0@@@-12WC, NYP3A-@0@@@-12WC
NY000-AB07: for NYP35-
@0@@@-15WC, NYP2C-@0@@@-15WC, NYP2A-@0@@@-15WC, NYP65-@0@@@-15WC,
NYP13-
@0@@@-15WC, NYP3A-@0@@@-15WC
NY000-AB08: for NYP35-
@0@@@-19WC, NYP2C-@0@@@-19WC, NYP2A-@0@@@-19WC, NYP65-@0@@@-19WC,
NYP13-
@0@@@-19WC, NYP3A-@0@@@-19WC
NY000-AB09: for NYP35-
@1@@@-12WC, NYP2C-@1@@@-12WC, NYP27-@0@@@-12WC
NY000-AB10: for NYP35-
@1@@@-15WC, NYP2C-@1@@@-15WC, NYP27-@0@@@-15WC, NYP65-@1@@@-15WC, NYP13-@1@@@-15WC
NY000-AB11: for NYP35-
@1@@@-19WC, NYP2C-@1@@@-19WC, NYP27-@0@@@-19WC
NY000-AB12 Handle for AB06 to AB11
*2. Revision number 09 or later.
The revision number of the UPS can be retrieved from the serial number label on the product and the product packaging.
Spare Parts
The following spare parts for the Industrial Panel PC are available.
* Only for models with replaceable battery.
Installed Support Software
UPS
*2
Output voltage during backup operation: 24 VDC ± 5%
S8BA
UPS Communication Cable
Cable length: 2 m
Signals for
• Signal output (BL, TR, BU, WB)
• Remote ON/OFF input
• UPS Stop Signal input (BS)
S8BW-C02
Product name
Specifications
Model
Battery
One battery is supplied with the Industrial Panel PC. The battery supplies power to the real-
time clock.
The battery is located inside the Industrial Panel PC.
Service life: 5 years at 25°C
CJ1W-BAT01
*
Fan Unit
The Fan Unit is available for the Industrial Panel PC that has active cooling.
Service life: 70,000 hours of continuous operation at 40°C with 15% to 65% relative humidity.
Shelf life: 6 months
This is the storage limitation with no power supplied.
NY000-AF00
Accessory Kit
Replacement kit containing all accesories supplied with Industrial Panel PC.
• Power connector
• I/O connector
• Drive bracket for drive installation
• 4 mounting screws for drive installation
• PCIe Card support for PCIe Card installation
• PCIe Card clip for PCIe Card installation
NY000-AK00
Power connectors (10 pcs) for Industrial Box PC and Industrial Panel PC
NY000-AK01
Item
Specifications
Industrial PC Support Utility
The Industrial PC Support Utility is a software utility to assist in diagnosing and resolving problems of the
Industrial Panel PC.
It is pre-installed on the Industrial Box PC and the Industrial Panel PC.
Industrial PC Tray Utility
The Industrial PC Tray Utility is a software utility that provides information about the current state of the Industrial
PC, its related devices, and associated software.
It is pre-installed on the Industrial Box PC and the Industrial Panel PC.
Industrial PC System API
The Industrial PC System API allows programmers to create programs that can retrieve information or set an
indicator status of the Industrial Panel PC.
The API makes use of the included IPC System Service to manage the hardware.
It is pre-installed on the Industrial Box PC and the Industrial Panel PC.
Industrial Monitor Utility
The Industrial Monitor Utility provides a user interface to control settings and display details of connected
Industrial Monitors.
It is pre-installed on the Industrial Box PC and the Industrial Panel PC.
Industrial Monitor Brightness
Utility
The Industrial Monitor Brightness Utility is a small software utility that allows you to control the brightness of the
screen backlight of all connected Industrial Monitors.
It is pre-installed on the Industrial Box PC and the Industrial Panel PC.
Product name
Specifications
Model
A3
@ @@@@@@@@@ @@ @
12
3 4
Item
Description
1
Product code
2
Product period and sequential number
3
Revision number
4
RoHS status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com