Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC NA-RTSM Datasheet HTML 17Page - Omron Electronics LLC NA-RTSM Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
NYP
14
Components and functions
The intent behind our IPC platform is to empower engineers to become unstoppable in developing machines and factories that are better, faster
and safer by giving them the freedom and flexibility to explore the opportunities provided by modern IT. In line with Omron’s traditional quality
standards, the Industrial Panel PC is designed to meet the demands of industrial users for maximum robustness and reliability.
Environmental Specifications
*1. The allowed ambient operating temperature and ambient humidity depend on product type, CPU type, mounting orientation, and storage
device type.
*2. A Panel PC with one or more HDD storage devices should not be used in applications subject to vibration.
Examples of applications subject to vibration:
• AGV (Automated Guided Vehicles)
• Rail vehicle
• Stacker crane
•Elevator
• Tableting machine
• Connector pin assembling machine
• Bending machine
Ensure your Panel PC with HDD does not vibrate. When in doubt use a Panel PC with SSD storage devices.
*3. The Panel PC may not operate properly in locations subjected to oil splashes for extended periods of time.
*4. Refer to the OMRON website (www.ia.omron.com) or contact your OMRON representative for the most recent applicable standards for each
model.
Item
Specifications
Operation
environment
Ambient operating temperature
*1
0 to 55°C
Ambient storage temperature
*1
-20 to 70°C
Ambient operating humidity
*1
10% to 90% with no condensation
Ambient storage humidity
*1
10% to 90% with no condensation
Operating atmosphere
No corrosive gases
Altitude
2,000 m max.
Noise resistance
(during operation)
Conforms to IEC61000-4-4, 2kV (power lines)
Vibration resistance
(during operation)
The vibration resistance depends on the storage device(s):
• For a Panel PC with only SSD storage devices: 5 to 8.4 Hz with 3.5 mm single amplitude and 8.4 to 150
Hz with 9.8 m/s2 for 10 times each in X, Y and Z directions. Conforms to IEC 60068-2-6.
• For a Panel PC with one or more HDD storage devices the Panel PC must be installed in a vibration free
environment.
*2
Shock resistance (during operation)
Conforms to IEC 60068-2-27.
147 m/s2, 3 times in each X, Y and Z directions
Installation method
Mount on panel
Degree of protection
Front of Monitor: IP65
*3
Pollution degree
2 or less: Meets IEC 61010-2-201.
Applicable standards
*4
EU Directives: EMC Directive 2014/30/EU (EN 61131-2) and RoHS Directive
KC Registration, RCM, cULus
Powerful CPU options
Three powerful CPU options provide high
performance for various applications.
Fanless cooling for multiple CPU types
The Industrial Panel PC has passive cooling for
multiple CPU types which means no moving parts
and less maintenance effort.
Easy access to storage devices and the PCI
Express Card
Adding or changing storage devices (HDD, SSD)
and the PCI Express Card is fast and simple.
LED indicators
DVI-I video interface
*1
3 1Gbps Ethernet ports
Multi-touch functionality
Up to 5 simultaneous touches are
supported for complex functions.
Built-in IO
4 USB ports
Built-in SD Memory Card slot
*1
LCD touchscreen
DisplayPort++
*1
*1. 11th generation CPU: Equipped with DisplayPort++ instead of DVI, but no SD Memory Card slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com