Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
NYP
*1. Depending on the model one or two drives are supported.
*2. Low profile cards, 2.536 inches (64.4 mm) are not supported.
*3. Not all combinations are possible or standard available. Please contact your Omron representative to discuss the possibilities.
*4. Battery service life highly depend on circumtance and is in normal operation >20yr longer
Display Specifications
*1. There may be some defective pixels in the display. This is not a fault as long as the numbers of defective light and dark pixels fall within the
following standard range: light and dark pixels 10 or less. (There must not be 3 consecutive light/dark pixels.)
*2. This is the estimated time before brightness is reduced by half at room temperature and humidity.
The life expectancy is drastically shortened if used at high temperatures.
*3. If the brightness is set to very dark, it causes flickering or the screen will be too dark to use.
*4. If water is detected the touch functionality will not be available.
*5. If a palm is detected that specific area is ignored.
*6. The touchscreen can be operated when wearing gloves. Check correct usage of the gloves before using them.
PCIe
Card Slot
Configuration
X2 (2 lanes) up to Gen 3
N/A
Card height
Standard height cards,
4.20 inches (106.7 mm)
*2
N/A
Card length
Half length cards,
6.6 inches (167.65 mm)
N/A
Battery
Model
Non replaceable battery
CJ1W-BAT01
Non replaceable battery
Service life
10 years at 40°C
*4
5 years at 25°C
10 years at 40°C
*4
Fan unit
Model
No fan unit
NY000-AF00
No fan unit
Service life
−
70,000 hours
of continuous
operation at
40°C with 15%
to 65% relative
humidity
−
LED
PWR, ERR, HDD, RUN
Item
Specifications
12.1 Inch models
15.4 Inch models
18.5 Inch models
Display
Display panel
*1
Display device
TFT LCD
Screen size
12.1 inches
15.4 inches
18.5 inches
Surface treatment
Anti glare treatment
Surface hardness
Mohs scale: 5 - 6
Resolution
1,280
× 800 pixels at 60 Hz (horizontal × vertical)
1,920
× 1,080 pixels at 60 Hz
(horizontal
× vertical)
Colors
16,770,000 colors
Effective display area
261
× 163 mm
(horizontal ´ vertical)
331
× 207 mm
(horizontal
× vertical)
409
× 230 mm
(horizontal
× vertical)
View angles
Left: 60°, Right: 60°, Top: 60°, Bottom: 60°
Left: 89°, Right: 89°,
Top: 89°, Bottom: 89°
Typical LCD
Brightness (initial)
1,500 cd/m2
400 cd/m2
500 cd/m2
Life
50,000 hours min.
*2
Brightness adjustment
200 levels
*3
Touch
Technology
Projected capacitive
Touch resolution
Touch accuracy 1.5% (4-5 mm)
Multi touch
Up to 5 simultaneous touches
Features
Water detection
*4, hand palm rejection *5, gloves *6
Life
50,000,000 operations min.
EMC
Correct touchscreen operation is possible within allowable EMC immunity conditions
Item
NYP35-
@1@@@ NYP2C-@1@@@ NYP27-@0@@@ NYP35-@0@@@ NYP2C-@0@@@ NYP2A-@0@@@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com