Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 3 Page - Omron Electronics LLC

  NA-RTSM Datasheet HTML 1Page - Omron Electronics LLC NA-RTSM Datasheet HTML 2Page - Omron Electronics LLC NA-RTSM Datasheet HTML 3Page - Omron Electronics LLC NA-RTSM Datasheet HTML 4Page - Omron Electronics LLC NA-RTSM Datasheet HTML 5Page - Omron Electronics LLC NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
NYP
Model Number Structure
The purpose of this model number legend is to provide understanding of the meaning of specifications from the model number.
Models are not available for all combinations of code numbers.
* Please consult your OMRON representative for details.
Item
Description
Option / Description
1
Series name
NYP: NY- series Industrial Panel PC
2
Processor
27: Intel® CoreTM i7-7820EQ 7th generation CPU with fan unit for active cooling
35: Intel® Core™ i5-7300U
7th generation CPU with fanless cooling
65: Intel® Core™ i5-1145GRE 11th generation CPU with fanless cooling
13: Intel® Core™ i3-1115GRE 11th generation CPU with fanless cooling
2C: Intel® Celeron® 3965U
7th generation CPU with fanless cooling
2A: Intel® Atom® x5-E3940 with fanless cooling
3A: Intel® Atom® x6425RE with fanless cooling
3
Main memory
1: 2 GB, non-ECC
2: 4 GB, non-ECC
3: 8 GB, non-ECC
4: 16 GB, non-ECC
5: 32 GB, non-ECC
6: 64 GB, non-ECC
C: 8 GB, ECC
D: 16 GB, ECC
4
Expansion slots
0: No PCIe slot
1: 1 PCIe slot
5
Operating system
0: No operating system
3: Windows 10 IoT Enterprise 2016 LTSB - 64 bit
4: Windows 10 IoT Enterprise 2019 LTSC - 64bit
5: Windows 10 IoT Enterprise 2021 LTSC - 64 bit
F: Windows 10 IoT Enterprise 2019 LTSC - 64 bit + FH software
6
Storage
0: No disk
1: 128 GB, CFast 3DTLC
2: 256 GB, CFast 3DTLC
3: 512 GB, CFast 3DTLC
5: 64 GB, CFast MLC
6: 128 GB, CFast MLC
7: 256 GB, CFast MLC
9: 64 GB, SSD SLC
C: 320 GB, HDD
D: 500 GB, HDD
E: 1 TB, HDD
F: 128 GB, SSD 3DTLC
G: 256 GB, SSD 3DTLC
H: 512 GB, SSD 3DTLC
K: 128 GB, SSD MLC
L: 256 GB, SSD MLC
M: 500 GB, SSD MLC
P: 1 TB, SSD 3DTLC
7
Optional interface
0: No optional interface
1: RS-232C
2: DVI-D
4: DisplayPort++
6: NY Monitor Link
8
Display size (diagonal)
12: 12.1 inch model, 1280 x 800 pixels, 24 bit full color
15: 15.4 inch model, 1280 x 800 pixels, 24 bit full color
19: 18.5 inch model, 1,920 x 1,080 pixels, 24 bit full color
9
Display ratio
W: Wide
10
Touchscreen
C: Projected Capacitive Touch type
11
Frame type
1: Panel mounted
12
Material/finish
0: Aluminum, black paint
1: Aluminum, Nickel plating
13
Built-in options
0: None
14
Logo
0: OMRON
2: Customized logo
*
NYP
@@ - @ @ @ @ @ - @@ @ @ @ @ @ @
12
3
4
5
6
7
8
9
10 11 12 13 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com