Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 4Page - Omron Electronics LLC NA-RTSM Datasheet HTML 5Page - Omron Electronics LLC NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NYP
8
General Specifications
Performance Specifications
Item
NYP65-@1@@@
NYP13-@1@@@
NYP65-@0@@@
NYP13-@0@@@
NYP3A-@0@@@
Main
system
CPU
CPU type
Intel® Core™
i5-1145GRE
Intel® Core™
i3-1115GRE
Intel® Core™
i5-1145GRE
Intel® Core™
i3-1115GRE
Intel Atom®
x6425RE
Cores / Threads
4 / 8
2 / 4
4 / 8
2 / 4
4 / 4
CPU base frequency
1.5 GHz
2.2 GHz
1.5 GHz
2.2 GHz
1.9 GHz
Maximum turbo
frequency
4.1 GHz
3.9 GHz
4.1 GHz
3.9 GHz
−
Cache
8 MB
6 MB
8 MB
6 MB
1.5 MB
Cooling details
Passive cooling (fanless)
Intel CPU category
Industrial (100% operation minimal 10yr)
Memory
Memory size
*3
8, 16, 32, 64 GB
4, 8, 16, 32 GB
Memory type
DDR4
Package Memory
Format
SO-DIMM
Serial
Presence
Detect
(SPD)
Speed
grade
3200 MT/s
CAS
latency
CL17
Trusted platform module (TPM)
Available
Graphics controller
Intel® Iris® Xe
Graphics. Up to four
independent
screens.
Intel® UHD
Graphics. Up to four
independent
screens.
Intel® Iris® Xe
Graphics. Up to four
independent
screens.
Intel® UHD
Graphics. Up to four
independent
screens.
Intel® UHD
Graphics. Up to four
independent
screens.
Intel® Iris® Xe
Graphics (80 EU)
Intel® UHD
Graphics (48 EU)
Intel® Iris® Xe
Graphics (80 EU)
Intel® UHD
Graphics (48 EU)
Intel® UHD
Graphics (32 EU)
Watchdog
Yes
Operating
system
Windows OS
Windows 10 IoT Enterprise 2021 LTSC - 64 bit
Storage
devices
Drives
*3
Hard Disk Drive
−
Solid
State
Drive
SLC type
−
MLC type
−
3DTLC type 128 GB, 256 GB, 512 GB, 1 TB
128 GB, 256 GB, 512 GB
Drive bays (HDD/SSD)
*1
2
CFast slot
Hardware-RAID support
N/A
Connectors
Power connector
24 VDC
I/O connector
2 inputs and 1 output
USB2.0
Type-A
Number of ports
−
Maximum current
−
Maximum cable length
−
USB3.0
Type-A
Number of ports
4
Maximum current
900 mA
Maximum cable length 3 m
Ethernet
connectors
Number of ports
3
Physical layer
10BASE-T, 100BASE-TX, 1000BASE-T or 2500BASE-T
Maximum
transmission distance
between Ethernet
switch and node
100 m
DVI-I
connector
Video interface
−
Resolution
−
Maximum cable length
−
DisplayPort
++
Resolution
Up to 4,096 x 2,304 at 60 Hz
Maximum cable length 3 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com