Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
NYP
12
Electrical Specifications
Note: Refer to the Industrial Panel PC User’s Manual (W555) for details.
*1. The total power consumption is the sum of the power consumption of all items that are installed in your Industrial Box PC.
*2. The upper number is for the 12.1 inch models, the middle number is for the 15.4 inch models, and the lower number is for the 18.5 inch models.
To guarantee S8BA UPS operation in combination with our IPC, the specified combination of UPS and power-supply must be used.
Item
NYP65-@1@@@
NYP13-@1@@@
NYP65-@0@@@
NYP13-@0@@@
NYP3A-@0@@@
CPU type
Intel® Core™
i5-1145GRE
Intel® Core™
i3-1115GRE
Intel® Core™
i5-1145GRE
Intel® Core™
i3-1115GRE
Intel® Atom® x6425RE
Rated power supply voltage
24 VDC, non-isolated
Allowable power supply voltage range
20.4 to 28.8 VDC
Grounding method
Ground to less than 100 Ω
Inrush current
At 24 VDC: 12 A / 6 ms max. for cold start at room temperature
Overvoltage category
JIS B3502 and IEC 61131-2: Category II
EMC immunity level
IEC 61131-2: Zone B
RTC accuracy
At ambient temperature of 55°C: -3.5 to +0.5 min error per month
At ambient temperature of 25°C: -1.5 to +1.5 min error per month
At ambient temperature of 0°C: -3 to +1 min error per month
Power button life
100,000 operations
Battery life
5 years at 25°C (for battery CJ1W-BAT01)
Fan life
−−−
−−
Power consumption
*1
−
Maximum power consumption
including drives and expansions
100 W
79 W
98 W
93 W
107 W
*2
77 W
72 W
86 W
*2
60 W
55 W
69 W
*2
Maximum power consumption
excluding drives and expansions
73 W
52 W
78 W
73 W
87 W
*2
57 W
52 W
66 W
*2
40 W
35 W
49 W
*2
Drives
−
HDD 320 GB
2 W
−
HDD 500 GB
2 W
−
HDD 1 TB
2 W
−
SSD SLC 32 GB
−
SSD SLC 64 GB
−
SSD MLC 128 GB
−
SSD MLC 500 GB
−
SSD 3DTLC 128 GB
1 W
−
SSD 3DTLC 256 GB
1 W
−
SSD 3DTLC 512 GB
2 W
−
SSD 3DTLC 1 TB
2 W
−
CFast MLC 64 GB
−
CFast MLC 128 GB
−
CFast MLC 256 GB
−
CFast 3DTLC 128 GB
−
1 W
CFast 3DTLC 256 GB
−
1 W
CFast 3DTLC 512 GB
−
2 W
Expansions
−
USB
18 W max. (4 x 900 mA at 5 V)
PCIe
5 W max.
−
Item
NYP65-@1@@@
NYP13-@1@@@
NYP65-@0@@@
NYP13-@0@@@
NYP3A-@0@@@
Minimum power
requirements
Power supply
120 W
UPS
120 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com