Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC NA-RTSM Datasheet HTML 17Page - Omron Electronics LLC NA-RTSM Datasheet HTML 18Page - Omron Electronics LLC NA-RTSM Datasheet HTML 19Page - Omron Electronics LLC NA-RTSM Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
NYP
18
Bracket Specifications
Model
Bracket type
Bracket ID
Without handle
With handle NY000-AB12
Bracket
width X
Bracket
height Y
Bracket
depth Z
Bracket
width X
Bracket
height Y
Bracket
depth Z
NYP35-
@0@@@-12WC
NYP2C-
@0@@@-12WC
NYP2A-
@0@@@-12WC
NYP65-
@0@@@-12WC
NYP13-
@0@@@-12WC
NYP3A-
@0@@@-12WC
Vesa mount
NY000-AB06
328 mm
237 mm
86 mm
328 mm
339 mm
164 mm
NYP35-
@0@@@-15WC
NYP2C-
@0@@@-15WC
NYP2A-
@0@@@-15WC
NYP65-
@0@@@-15WC
NYP13-
@0@@@-15WC
NYP3A-
@0@@@-15WC
Vesa mount
NY000-AB07
397 mm
280 mm
86 mm
397 mm
381 mm
164 mm
NYP35-
@0@@@-19WC
NYP2C-
@0@@@-19WC
NYP2A-
@0@@@-19WC
NYP65-
@0@@@-19WC
NYP13-
@0@@@-19WC
NYP3A-
@0@@@-19WC
Vesa mount
NY000-AB08
478 mm
306 mm
83 mm
478 mm
409 mm
164 mm
NYP35-
@1@@@-12WC
NYP2C-
@1@@@-12WC
NYP27-
@0@@@-12WC
Vesa mount
NY000-AB09
328 mm
237 mm
118 mm
328 mm
339 mm
164 mm
NYP35-
@1@@@-15WC
NYP2C-
@1@@@-15WC
NYP27-
@0@@@-15WC
NYP65-
@1@@@-15WC
NYP13-
@1@@@-15WC
Vesa mount
NY000-AB10
397 mm
280 mm
118 mm
397 mm
381 mm
164 mm
NYP27-
@0@@@-19WC
Vesa mount
NY000-AB11
478 mm
306 mm
98 mm
478 mm
409 mm
164 mm
X
Y
100
100
Z
X
Y
Z
Without handle
With handle NY000-AB12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com