Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NYP
10
Item
NYP35-
@1@@@ NYP2C-@1@@@ NYP27-@0@@@ NYP35-@0@@@ NYP2C-@0@@@ NYP2A-@0@@@
Main
system
CPU
CPU type
Intel® Core™
i5-7300U
Intel® Celeron®
3965U
Intel® Core™
i7-7820EQ
Intel® Core™
i5-7300U
Intel® Celeron®
3965U
Intell Atoml
x5-E3940
Cores / Threads
2 / 4
2 / 2
4 / 8
2 / 4
2 / 2
4 / 4
CPU base frequency
2.6 GHz
2.2 GHz
3.0 GHz
2.6 GHz
2.2 GHz
1.6 GHz
Maximum turbo
frequency
3.5 GHz
−
3.7 GHz
3.5 GHz
−
1.8 GHz
Cache
3 MB
2 MB
8 MB
3 MB
2 MB
2 MB
Cooling details
Passive cooling (fanless)
Requires active
cooling (fan)
Passive cooling (fanless)
Intel CPU category
Industrial (100% operation minimal 10yr)
Memory
Memory size
*3
4 or 8 GB
4 or 8 GB
8, 16 or 32 GB
8 or 16 GB
4 or 8 GB
2, 4 or 8 GB
Memory type
DDR4 (non ECC)
DDR3L
(non ECC)
Trusted platform module (TPM)
Available
Graphics controller
Intel® HD Graphics. Up to two independent screens.
Intel® HD
Graphics 620
Intel® HD
Graphics 610
Intel® HD
Graphics 630
Intel® HD
Graphics 620
Intel® HD
Graphics 610
Intel® HD
Graphics 500
Watchdog
Yes
Operating
system
Windows OS
Windows 10 IoT Enterprise 2016
LTSB - 64 bit
Windows 10 IoT Enterprise 2019
LTSC - 64 bit
Windows 10 IoT Enterprise 2021
LTSC - 64 bit
Windows 10 IoT
Enterprise 2019
LTSC - 64 bit
Windows 10 IoT
Enterprise 2021
LTSC - 64 bit
Windows 10 IoT Enterprise 2016
LTSB - 64 bit
Windows 10 IoT Enterprise 2019
LTSC - 64 bit
Windows 10 IoT Enterprise 2021
LTSC - 64 bit
Windows 10 IoT
Enterprise 2019
LTSC - 64 bit
Windows 10 IoT
Enterprise 2021
LTSC - 64 bit
Storage
devices
Drives
*3
Hard Disk Drive
• 320 GB
N/A
Solid
State
Drive
SLC type
• 64 GB
N/A
MLC type
• 128 GB
• 64 GB, 128 GB, 256 GB
3DTLC type
• 128 GB, 256GB, 512 GB, 1 TB
• 128 GB, 256 GB
Drive bays (HDD/SSD)
*1
2
2
CFast slot
CFast slot
CFast slot
CFast slot
Connectors
Power connector
24 VDC
I/O connector
2 inputs (Power ON/OFF Input and UPS Mode Input) and 1 output (Power Status Output)
USB2.0
Type-A
Number of ports
2
Maximum current
500 mA
Maximum cable length 5 m
USB3.0
Type-A
Number of ports
2
Maximum current
900 mA
Maximum cable length 3 m
Ethernet
connectors
Number of ports
3
Physical layer
10BASE-T, 100BASE-TX or 1000BASE-T
DVI-I
connector
Video interface
Digital only
Resolution
Up to 1,920 x 1,200 pixels at 60 Hz
Maximum
DVI cable length
Dependent upon connected monitor type and resolution
DisplayPort
++
Resolution
N/A
Maximum cable length N/A
Optional
connector
(select one
per system)
RS-232C
Standard DSUB9 connector
(Non-Isolated)
N/A
DVI-D
Video interface
Digital only
N/A
Resolution
Up to 1,920 x 1,200 pixels at 60 Hz N/A
Maximum
DVI cable length
Dependent upon connected
monitor type and resolution
N/A
NY Monitor
Link
Video interface
Digital only
Connector type
RJ45
Cable shielding, type
and max. length
S/FTP, Cat.6A, 100 m
USB data throughput
280 Mbps max.
GigE LAN
Physical layer
N/A
DisplayPort
++
Resolution
N/A
Maximum cable length N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com