Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC NA-RTSM Datasheet HTML 17Page - Omron Electronics LLC NA-RTSM Datasheet HTML 18Page - Omron Electronics LLC NA-RTSM Datasheet HTML 19Page - Omron Electronics LLC NA-RTSM Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
NYP
Dimensions
* The minimum panel thickness depends on the panel material.
Item
Panel
12.1 Inch
NYP35-
@1@@@
NYP2C-
@1@@@
NYP27-
@0@@@
NYP35-
@0@@@
NYP2C-
@0@@@
NYP2A-
@0@@@
NYP65-
@0@@@
NYP13-
@0@@@
NYP3A-
@0@@@
Panel preparation dimensions
Cutout Width X1 =
314-0 +1 mm
Cutout Height Y1 =
216-0 +1 mm
Panel thickness range
*
Panel thickness range Z1 = 1.6 to 6.0 mm
Dimensions
Width X = 332 mm
Height Y = 234 mm
Depth Z = 105 mm
Width X = 332 mm
Height Y = 234 mm
Depth Z = 88 mm
Width X = 332 mm
Height Y = 234 mm
Depth Z = 73 mm
Monitor thickness in front of panel
Rim thickness R = 8.0 mm
Weight
5.6 kg
5.1 kg
4.7 kg
Item
Panel
15.4 Inch
NYP35-
@1@@@
NYP2C-
@1@@@
NYP65-
@1@@@
NYP13-
@1@@@
NYP27-
@0@@@
NYP35-
@0@@@
NYP2C-
@0@@@
NYP2A-
@0@@@
NYP65-
@0@@@
NYP13-
@0@@@
NYP3A-
@0@@@
Panel preparation dimensions
Cutout Width X1 =
383-0 +1 mm
Cutout Height Y1 =
259-0 +1 mm
Panel thickness range
*
Panel thickness range Z1 = 1.6 to 6.0 mm
Dimensions
Width X = 401 mm
Height Y = 277 mm
Depth Z = 105 mm
Width X = 401 mm
Height Y = 277 mm
Depth Z = 88 mm
Width X = 401 mm
Height Y = 277 mm
Depth Z = 73 mm
Monitor thickness in front of panel
Rim thickness R = 8.0 mm
Weight
6.6 kg
6.0 kg
5.6 kg
Item
Panel
18.5 Inch
NYP27-
@0@@@
NYP35-
@0@@@
NYP2C-
@0@@@
NYP2A-
@0@@@
NYP65-
@0@@@
NYP13-
@0@@@
NYP3A-
@0@@@
Panel preparation dimensions
Cutout Width X1 = 463-0 +1 mm
Cutout Height Y1 = 285-0 +1 mm
Panel thickness range
*
Panel thickness range Z1 = 1.6 to 6.0 mm
Dimensions
Width X = 482 mm
Height Y = 304 mm
Depth Z = 88 mm
Width X = 482 mm
Height Y = 304 mm
Depth Z = 73 mm
Monitor thickness in front of panel
Rim thickness R = 8.0 mm
Weight
7.0 kg
6.6 kg
Z
Y1
Z1
Y
X1
X
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com