Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 5Page - Omron Electronics LLC NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NYP
9
*1. Depending on the model one or two drives are supported.
*2. Low profile cards, 2.536 inches (64.4 mm) are not supported.
*3. Not all combinations are possible or standard available. Please contact your Omron representative to dicuss the possibilities.
Optional
connector
(select one
per system)
RS-232C
Standard SUBD9 connector (Non-Isolated)
DVI-D
Video interface
−
Resolution
−
Maximum cable length
−
NY Monitor
Link
Video interface
Digital only
Resolution
1,280 x 800 pixels at 60 Hz
Connector type
RJ45
Cable shielding, type
and max. length
S/FTP, Cat.6A, 100m
USB data throughput
280 Mbps max.
GigE LAN
Physical layer
10BASE-T, 100BASE-TX or 1000BASE-T
DisplayPort
++
Resolution
Up to 4,096 x 2,304 at 60 Hz
Maximum cable length 3 m
PCIe Card
Slot
Configuration
X4 (4 lanes) up to Gen 3
N/A
Card height
Standard height cards, 4.20 inches (106.7
mm)
*2
N/A
Card length
Half length cards, 6.6 inches (167.65 mm) N/A
Battery
Model
CJ1W-BAT01
Service life
5 years at 25°C
Fan unit
Model
−
Service life
−
LED
PWR, ERR, HDD, RUN
Item
NYP65-@1@@@
NYP13-@1@@@
NYP65-@0@@@
NYP13-@0@@@
NYP3A-@0@@@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com