Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 4 Page - Omron Electronics LLC

  NA-RTSM Datasheet HTML 1Page - Omron Electronics LLC NA-RTSM Datasheet HTML 2Page - Omron Electronics LLC NA-RTSM Datasheet HTML 3Page - Omron Electronics LLC NA-RTSM Datasheet HTML 4Page - Omron Electronics LLC NA-RTSM Datasheet HTML 5Page - Omron Electronics LLC NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NYP
4
Ordering Information
NY-series Industrial PC Platform
Recommended models
The industrial Panel PC has extended configuration possibilities to meet your requirements, below an overview of the most used and recommended
models. Selecting one of the models below will bring the benefit of faster delivery times.
In case your preferred model is not listed below, please contact your Omron representative to discuss the possibilities.
* 18.5 inch models also available with Nickel Plating front.
Product
name
Specifications
Model
Display
size
Operating system
CPU type
RAM memory
(non-ECC
type)
Storage size
Interface
option
PCIe-slot
Industrial
Panel PC
12.1 Inch
Windows 10 IoT
Enterprise 2016
LTSB - 64 bit
Intel® Core™
i5-7300U
8 GB
256 GB CFast type
(MLC)
No
No
NYP35-30370-12WC1000
Intel®Celeron™
3965U
8 GB
256 GB CFast type
(MLC)
No
No
NYP2C-30370-12WC1000
Windows 10 IoT
Enterprise 2019
LTSC - 64bit
Intel® Core™
i7-7820EQ
8 GB
128 GB CFast type
(MLC)
No
No
NYP27-30460-12WC1000
Intel® Atom®
x5-E3940
4 GB
128 GB CFast type
(MLC)
No
No
NYP2A-20460-12WC1000
Windows 10 IoT
Enterprise 2021
LTSC - 64 bit
Intel® Core™
i3-1115GRE
16 GB
256 GB CFast type
(MLC)
No
No
NYP13-40520-12WC1000
Intel® Atom®
x6425RE
Processor
8 GB
256 GB CFast type
(3DTLC)
No
No
NYP3A-30520-12WC1000
15.4 Inch
Windows 10 IoT
Enterprise 2016
LTSB - 64 bit
Intel® Core™
i5-7300U
8 GB
256 GB CFast type
(MLC)
No
No
NYP35-30370-15WC1000
Intel®Celeron™
3965U
8 GB
256 GB CFast type
(MLC)
No
No
NYP2C-30370-15WC1000
Windows 10 IoT
Enterprise 2019
LTSC - 64bit
Intel® Core™
i7-7820EQ
8 GB
128 GB CFast type
(MLC)
No
No
NYP27-30460-15WC1000
Intel® Atom®
x5-E3940
4 GB
128 GB CFast type
(MLC)
No
No
NYP2A-20460-15WC1000
Windows 10 IoT
Enterprise 2021
LTSC - 64 bit
Intel® Core™
i5-1145GRE
16 GB
512 GB CFast type
(MLC)
No
No
NYP65-40530-15WC1000
Intel® Atom®
x6425RE
Processor
16 GB
256 GB CFast type
(3DTLC)
No
No
NYP3A-40520-15WC1000
18.5 Inch
*
Windows 10 IoT
Enterprise 2016
LTSB - 64 bit
Intel® Core™
i5-7300U
8 GB
256 GB CFast type
(MLC)
No
No
NYP35-30370-19WC1000
Intel®Celeron™
3965U
8 GB
256 GB CFast type
(MLC)
No
No
NYP2C-30370-19WC1000
Windows 10 IoT
Enterprise 2019
LTSC - 64bit
Intel® Core™
i7-7820EQ
8 GB
128 GB CFast type
(MLC)
No
No
NYP27-30460-19WC1000
Intel® Atom®
x5-E3940
4 GB
128 GB CFast type
(MLC)
No
No
NYP2A-20460-19WC1000
Windows 10 IoT
Enterprise 2021
LTSC - 64 bit
Intel® Core™
i5-1145GRE
16 GB
256 GB CFast type
(3DTLC)
No
No
NYP65-40520-19WC1000
Intel® Core™
i3-1115GRE
16 GB
256 GB CFast type
(3DTLC)
No
No
NYP13-40520-19WC1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com