Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC NA-RTSM Datasheet HTML 17Page - Omron Electronics LLC NA-RTSM Datasheet HTML 18Page - Omron Electronics LLC NA-RTSM Datasheet HTML 19Page - Omron Electronics LLC NA-RTSM Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
NYP
16
Note: Orders for NY000-AS02 are no longer accepted, as of November 30, 2018.
*1. For a Panel PC with an HDD: this device can only be installed in a vibration free environment only. (NYP)
*2. Powered-ON hours include sleep and standby modes.
*3. Operation includes seeking, writing, and reading functions.
Item
Specifications
Model
NY000-AH00
*1
NY000-AH01
*1
NY000-
AH02
*1
NY000-AT00
NY000-AT01
NY000-AT02
NY000-AT05
NY000-AT06
NY000-AT07
Capacity
320 GB
500 GB
1 TB
64 GB
128 GB
256 GB
128 GB
256 GB
512 GB
Type
HDD
HDD
HDD
CFast (MLC)
CFast (MLC)
CFast (MLC)
CFast (3DTLC) CFast (3DTLC) CFast (3DTLC)
S.M.A.R.T.
support
Yes
Rotation
speed
5,400 r/min
−−−−
−−
Interface
Serial ATA 3.0
Serial ATA 3.1
Sustained
standard
read speed
−−−
Up to
530 MB/s
Up to
530 MB/s
Up to
530 MB/s
Up to
550 MB/s
Up to
550 MB/s
Up to
550 MB/s
Sustained
standard
write speed
−−−
Up to
100 MB/s
Up to
190 MB/s
Up to
210 MB/s
Up to
450 MB/s
Up to
485 MB/s
Up to
500 MB/s
Operating
temperature
5 to 55°C
5 to 55°C
0 to 60°C
-40 to 85°C
Operating
humidity
8% to 90%
(with no condensation)
10% to 95%
(with no condensation)
5% to 90%
(with no condensation)
Storage
temperature
-40 to 65°C
-55 to 95°C
-40 to 85°C
Storage
humidity
8% to 90%
(with no condensation)
5% to 95%
(with no
condensation)
10% to 95%
(with no condensation)
5% to 90%
(with no condensation)
Life
Approximately 5 years or 20,000
powered-ON hours (whichever
comes first) under the following
conditions:
• 25°C at 101.3 kPa
• Less than 333 powered-ON
hours/month
*2
• Less than 20% operation
while powered-ON
*3
• Less than 1.30 x 106 seeks/
month
Average
Annualized
Failure Rate
(AFR): 0.50%
Under the
following
conditions:
• Case
Temperatur
e 40°C
• Power on
Hours
(POH)
≤
3120
125 TB written 208 TB written 417 TB written 90 TB written
230 TB written 550 TB written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com