Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052BCPZ-R2 Datasheet(PDF) 34 Page - Analog Devices

Part # AD4052BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052BCPZ-R2 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD4052BCPZ-R2 Datasheet HTML 30Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 31Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 32Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 33Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 35Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 36Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 37Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
Data Sheet
AD4052/AD4058
MODES OF OPERATION
analog.com
Rev. B | 34 of 66
CHOP TIMING DIAGRAMS
Figure 58. Sample Mode Timing with CHOP Enabled
Figure 59. Averaging Mode Timing with CHOP Enabled
Figure 60. Burst Averaging Mode Timing with CHOP Enabled
AUTONOMOUS MODES
The autonomous modes allow the AD4052/AD4058 to autonomous-
ly monitor the input signal to detect out-of-range events. The auton-
omous modes feature lower power dissipation than nonautonomous
modes, because the ADC core enters a low-power comparator
mode, as described in the Comparator Operation section (see Table
1 for power dissipation specifications for each mode).
The AD4052/AD4058 offer two autonomous modes, monitor mode
and trigger mode. Both autonomous modes are described in the
subsequent sections. When either autonomous mode is selected,
the ADC core functions as a window comparator, and the ADC
sampling clock is driven by the internal timer, as described in the
Comparator Operation section. The sampling clock frequency is set
by the FS_BURST_AUTO bit field in the TIMER_CONFIG register
(see Table 44).
The comparator performs the following four sample-and-compari-
son operations in a repeated sequence, each taking one sample
period to execute, for a total sequence time of four sample periods:
1. VIN ≥ MAX_LIMIT
2. VIN ≤ MAX_LIMIT − MAX_HYST
3. VIN ≥ MIN_LIMIT + MIN_HYST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com