Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052BCPZ-R2 Datasheet(PDF) 53 Page - Analog Devices

Part # AD4052BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052BCPZ-R2 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD4052BCPZ-R2 Datasheet HTML 49Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 50Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 51Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 52Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 53Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 54Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 55Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 56Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
Data Sheet
AD4052/AD4058
REGISTER DETAILS
analog.com
Rev. B | 53 of 66
INTERFACE CONFIGURATION A REGISTER
Address: 0x00, Reset: 0x10, Name: INTERFACE_CONFIG_A
Interface Configuration Settings
Table 23. Bit Descriptions for INTERFACE_CONFIG_A
Bits
Bit Name
Description
Reset
Access
7
SW_RESET_MSB
Software Reset Bit (MSB). Set both SW_RESET_MSB and SW_RESET_LSB to 1 in the same register write
to initiate a software reset of the device.
0x0
R/W
6
RESERVED
Reserved.
0x0
R
5
ADDR_DIR
Reserved. This bit must be set to 0. The ADDR_DIR bit is not reset by software resets, and it must be reset
by the software reset pattern or power-on reset.
0x0
R/W
[4:1]
RESERVED
Reserved.
0x8
R
0
SW_RESET_LSB
Software Reset Bit (LSB). Set both SW_RESET_MSB and SW_RESET_LSB to 1 in the same register write
to initiate a software reset of the device.
0x0
R/W
INTERFACE CONFIGURATION B REGISTER
Address: 0x01, Reset: 0x08, Name: INTERFACE_CONFIG_B
Table 24. Bit Descriptions for INTERFACE_CONFIG_B
Bits
Bit Name
Description
Reset
Access
7
SINGLE_INST
Reserved. This bit must be set to 0.
0x0
R/W
[6:4]
RESERVED
Reserved.
0x0
R
3
ADDR_LEN
Address Length Bit. Sets the length of the register address in the instruction phase to 7 or 15 bits.
0x1
R/W
0: 15-Bit Addressing.
1: 7-Bit Addressing.
[2:0]
RESERVED
Reserved.
0x0
R
DEVICE CONFIGURATION REGISTER
Address: 0x02, Reset: 0xF0, Name: DEVICE_CONFIG
Table 25. Bit Descriptions for DEVICE_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x3C
R
[1:0]
POWER_MODE
Power Modes.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com