Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052BCPZ-R2 Datasheet(PDF) 41 Page - Analog Devices

Part # AD4052BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052BCPZ-R2 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD4052BCPZ-R2 Datasheet HTML 37Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 38Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 39Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 40Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 41Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 42Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 43Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 44Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
Data Sheet
AD4052/AD4058
SERIAL INTERFACE
analog.com
Rev. B | 41 of 66
ADC MODE OUTPUT DATA FORMAT
This section describes the SPI output data format for the ADC
modes described in the Modes of Operation section (sample mode,
averaging mode, burst averaging mode, and trigger mode). The
output word consists of the ADC results (ADC_DATA) and optional
sign extension (SE_BYTE) and CRC bytes (CRC). The output word
length is always an integer multiple of bytes to ensure compatibility
with digital host serial interface and data packet transfers (such as
DMA), which are often segmented into integer multiples of bytes.
Figure 67 shows all supported formats for sample and trigger
modes, and Figure 68 shows all supported formats for averaging
and burst averaging modes.
In sample and trigger modes, the ADC_DATA are 16 bits long (2
bytes). In averaging and burst averaging mode, the ADC_DATA are
20 bits long with 4 bits of sign extension (SE_BITS) for a total of
24 bits (3 bytes). The ADC_DATA are either twos complement or
straight binary depending on the DATA_FORMAT bit setting (see
the Transfer Function section).
Sign-Extension Byte
The optional SE_BYTE allows the AD4052/AD4058 output word
length to match the digital host data transfer size, if needed. When
enabled, a byte of MSB sign-extension is added to the ADC data.
For example, the default ADC output word length in burst averaging
mode is 3 bytes. However, the SE_BYTE can convert the output
word to 4 bytes for direct compatibility with a 4-byte DMA transfer.
The ADC_DATA are right-justified to maintain the integer values
without bit-shifting in software.
The SE_BYTE is enabled by setting the SIGN_EXT_EN bit to 1.
The SE_BYTE is disabled by default.
ADC CRC
When the CRC is enabled, an 8-bit checksum code is appended to
the ADC result on the SDO pin. The CRC checksum is calculated
using the same polynomial given in Equation 6 with the SDO data
as the input and a seed value of 0xA5 for all reads. The CRC is
enabled with the CRC_EN and CRC_EN_B bit fields, as described
in the Register Access CRC section. The CRC is disabled by
default.
ADC_DATA (16-BITS)
SE_BYTE (8-BITS)
ADC_DATA (16-BITS)
ADC_DATA (16-BITS)
CRC (8-BITS)
SE_BYTE (8-BITS)
ADC_DATA (16-BITS)
CRC (8-BITS)
MSB
LSB
BYTE 1
BYTE 2
BYTE 3
BYTE 4
DEFAULT
SE_BYTE
ONLY
CRC
ONLY
SE_BYTE
AND CRC
Figure 67. SPI Data Formats for Sample Mode and Trigger Mode
MSB
LSB
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
SE_BITS (4-BITS)
ADC_DATA (20-BITS)
SE_BYTE (8-BITS)
SE_BITS (4-BITS)
ADC_DATA (20-BITS)
SE_BITS (4-BITS)
ADC_DATA (20-BITS)
CRC (8-BITS)
SE_BYTE (8-BITS)
SE_BITS (4-BITS)
ADC_DATA (20-BITS)
CRC (8-BITS)
DEFAULT
SE_BYTE
ONLY
CRC
ONLY
SE_BYTE
AND CRC
Figure 68. SPI Data Formats for Averaging Mode and Burst Averaging Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com