Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052BCPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD4052BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052BCPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD4052BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Data Sheet
AD4052/AD4058
SPECIFICATIONS
analog.com
Rev. B | 7 of 66
TIMING SPECIFICATIONS
VDD = VREF = 2.3 V to 3.6 V, VIO = 1.71 V to 3.6 V, digital output load capacitance (CLOAD) = 20 pF, and all other features in default
configuration. Minimum and maximum limits at TA = −40°C to +125°C and typical values at TA = +25°C, unless otherwise indicated.
Table 2. ADC Timing Specifications
Parameter1
Symbol
Min
Typ
Max
Unit
Sampling Rate2
fS
AD4052
2
MSPS
AD4058
500
kSPS
Sample Period (Time Between Conversions)2
tCYC
AD4052
500
ns
AD4058
2000
ns
Conversion Time
tCONV
270
320
ns
Acquisition Time3, 4
tACQ
fS = 2 MSPS
290
327
ns
fS = 500 kSPS
1790
1827
ns
Quiet Time (Last SCLK Edge to CNV Rising Edge)
tQUIET
15
ns
CNV High Time
tCNVH
10
ns
CNV Low Time
tCNVL
10
ns
Internal Timer Frequency5
fOSC
−15% fOSC
+15%
ns
1 The tCONV specification is production tested. All other timing specifications in this table are guaranteed by characterization and design.
2 Sampling rate specifies the maximum sample rate capabilities of the AD4052/AD4058 ADCs. Output data rate is the number of ADC samples that can be transmitted
over the serial interface per second and is a function of the serial interface timing specifications. In sample mode and averaging mode, the serial interface bottlenecks
the AD4052 output data rate to <2 MSPS. In burst averaging mode and autonomous modes, the output data rate requirements are reduced, and the AD4052 ADC core
can operate at the full 2 MSPS. See the Calculating Serial Interface Output Data Rate section for guidelines for estimating AD4052/AD4058 SPI output data rate for each
operating mode.
3 The tACQ specification is the time available for the input sampling capacitors to acquire the input voltage for a given sample rate. The tACQ specification is equivalent to
the time the ADC spends in the track phase. The tACQ specification is inversely proportional to sample rate. Therefore, the tACQ specification increases as the sample rate
decreases. The minimum tACQ specification for any given sample period rate is given by the following equation: tACQ = tCYC − 210 ns.
4 See the Device Enable Signal section for a description of acquisition time while using the DEV_EN signal to power cycle the analog front end.
5 The internal timer sets the sampling frequency in burst averaging mode and autonomous modes. The AD4052/AD4058 is guaranteed to operate at the maximum fOSC
specification. See Table 44 for the nominal sampling frequency options.
Table 3. SPI Timing—Configuration Mode, VIO ≥ 3.0 V
Parameter1
Symbol
Min
Typ
Max
Unit
CS High Time
tCSH
15
ns
CS Falling Edge to SDO Valid
tEN
10
ns
CS Rising Edge to SDO High Impedance
tCSDIS
10
ns
SCLK Period
tSCLK
40
ns
SCLK Low Time
tSCLKL
15
ns
SCLK High Time
tSCLKH
15
ns
SDI Valid Setup Time Prior to SCLK Rising Edge (SDI Setup Time)
tSSDI
4
ns
SDI Valid Hold Time After SCLK Rising Edge (SDI Hold Time)
tHSDI
2
ns
SCLK Falling Edge to Data Remains Valid (SDO Hold Time)
tHSDO
2
ns
SCLK Falling Edge to Data Valid (SDO Valid Delay)
tDSDO
11
ns
Operating Mode Update Delay
tMODE
40
ns
Reset Delay
tRESET
5
ms
1 The tSCLK, tSCLKL, and tSCLKH specifications are production tested. All other timing specifications in this table are guaranteed by characterization and design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com