Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052BCPZ-R2 Datasheet(PDF) 54 Page - Analog Devices

Part # AD4052BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052BCPZ-R2 Datasheet(HTML) 54 Page - Analog Devices

Back Button AD4052BCPZ-R2 Datasheet HTML 50Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 51Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 52Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 53Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 54Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 55Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 56Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 57Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
Data Sheet
AD4052/AD4058
REGISTER DETAILS
analog.com
Rev. B | 54 of 66
Table 25. Bit Descriptions for DEVICE_CONFIG (Continued)
Bits
Bit Name
Description
Reset
Access
0x0: Active Mode.
0x1: Invalid.
0x2: Invalid.
0x3: Sleep Mode (Low Power).
DEVICE TYPE REGISTER
Address: 0x03, Reset: 0x07, Name: DEVICE_TYPE
Indicates the type of device (precision ADC). The device type register is used in conjunction with the product identification registers to identify
the AD4052/AD4058 from other Analog Devices, Inc., products.
Table 26. Bit Descriptions for DEVICE_TYPE
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
CHIP_TYPE
Precision ADC.
0x7
R
PRODUCT IDENTIFICATION (LSBYTE) REGISTER
Address: 0x04, Reset: 0x70, Name: PRODUCT_ID_L
Least significant byte of the unique product identification bit field. The product identification registers are used in conjunction with the device
type register to identify the AD4052/AD4058 from other Analog Devices products.
Table 27. Bit Descriptions for PRODUCT_ID_L
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[7:0] (AD4052)
Product Identification Field. The unique PRODUCT_ID value for the AD4052 is 0x0072.
0x72
R
[7:0]
PRODUCT_ID[7:0] (AD4058)
Product Identification Field. The unique PRODUCT_ID value for the AD4058 is 0x0078.
0x78
R
PRODUCT IDENTIFICATION (MSBYTE) REGISTER
Address: 0x05, Reset: 0x00, Name: PRODUCT_ID_H
Most significant byte of the unique product identification bit field. The product identification registers are used in conjunction with the device type
register to identify the AD4052/AD4058 from other Analog Devices products.
Table 28. Bit Descriptions for PRODUCT_ID_H
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[15:8]
Product Identification Field. The unique PRODUCT_ID value for the AD4052/AD4058 is .
0x0
R
DEVICE GRADE REGISTER
Address: 0x06, Reset: 0x00, Name: DEVICE_GRADE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com