Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052BCPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD4052BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052BCPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  AD4052BCPZ-R2 Datasheet HTML 1Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 2Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
Data Sheet
AD4052/AD4058
TABLE OF CONTENTS
analog.com
Rev. B | 2 of 66
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Specifications........................................................ 4
Timing Specifications......................................... 7
Absolute Maximum Ratings.................................10
Thermal Resistance......................................... 10
Electrostatic Discharge (ESD) Ratings.............10
ESD Caution.....................................................10
Pin Configuration and Function Descriptions.......11
Typical Performance Characteristics................... 12
Terminology......................................................... 17
Theory of Operation.............................................18
Overview.......................................................... 18
Converter Operation.........................................18
Analog Inputs................................................... 20
Voltage Reference............................................20
Digital Processing Features............................. 21
Internal Timer................................................... 22
Power Supplies................................................ 22
Comparator Operation......................................22
Interrupts and Control Signals..........................24
Modes of Operation............................................. 28
Sample Mode................................................... 30
Averaging Mode............................................... 31
Burst Averaging Mode......................................32
DEV_EN Timing Diagrams...............................33
CHOP Timing Diagrams...................................34
Autonomous Modes......................................... 34
Sleep Mode...................................................... 37
Serial Interface.................................................... 38
Configuration Mode..........................................38
ADC Mode Output Data Format....................... 41
Device Reset....................................................42
Applications Information...................................... 44
Typical Applications Diagram........................... 44
Analog Front-End Design.................................45
Reference Circuit Design................................. 46
Synchronized Amplifier Shutdown and ADC
Sampling........................................................ 47
Achieving High Accuracy with Reference
Shutdown....................................................... 47
VDD Power Dissipation.................................... 49
Calculating Serial Interface Output Data
Rate................................................................50
Layout Recommendations................................51
Register Summary...............................................52
Register Details................................................... 53
Interface Configuration A Register................... 53
Interface Configuration B Register................... 53
Device Configuration Register..........................53
Device Type Register....................................... 54
Product Identification (LSByte) Register.......... 54
Product Identification (MSByte) Register......... 54
Device Grade Register..................................... 54
Scratch Pad Register....................................... 55
Vendor Identification (LSByte) Register........... 55
Vendor Identification (MSByte) Register.......... 55
Reserved Registers..........................................56
Interface Configuration C Register................... 56
Interface Status Register..................................56
Device Mode Select Register........................... 57
ADC Operating Mode Configuration Register.. 57
ADC Setup Configuration Register...................58
Averaging Filter Configuration Register........... 58
General Purpose Pin Configuration Register... 59
Interrupt Configuration Register....................... 60
Chop Signal Configuration Register................. 60
Timer Configuration Register........................... 61
Maximum Threshold Configuration Register.... 62
Minimum Threshold Configuration Register..... 62
Maximum Threshold Hysteresis Register.........62
Minimum Threshold Hysteresis Register..........63
MON_VAL Scaling Register............................. 63
Fuse CRC Register.......................................... 63
Device Status Register.....................................63
Maximum Interrupt Sample Register................64
Minimum Interrupt Sample Register.................64
Outline Dimensions............................................. 65
Ordering Guide.................................................65
Evaluation Boards............................................ 66
REVISION HISTORY
11/2024—Rev. A to Rev. B
Change to Figure 5........................................................................................................................................ 11
Changes to Table 22......................................................................................................................................52
Deleted Product Identification (LSByte) Register Figure............................................................................... 54
Changes to Table 27......................................................................................................................................54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com