Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052BCPZ-R2 Datasheet(PDF) 42 Page - Analog Devices

Part # AD4052BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052BCPZ-R2 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD4052BCPZ-R2 Datasheet HTML 38Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 39Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 40Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 41Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 42Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 43Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 44Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 45Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
Data Sheet
AD4052/AD4058
SERIAL INTERFACE
analog.com
Rev. B | 42 of 66
DEVICE RESET
A device reset returns the device registers to the default settings
and puts the AD4052/AD4058 into configuration mode. The fol-
lowing sections describe the AD4052/AD4058 device reset mecha-
nisms.
The AD4052/AD4058 include a hardware interrupt signal
(DEV_RDY) that indicates when the device reset is complete. The
DEV_RDY signal is active high and is assigned to the GP1 pin by
default, so the digital host can monitor the GP1 pin for a rising edge
to inform the firmware that the AD4052/AD4058 SPI is ready. See
the Device Ready Signal for more information.
The DEVICE_RESET bit in the DEVICE_STATUS register indicates
when a device reset has occurred. The DEVICE_RESET bit is a
write-1-to-clear bit and holds its state until the host writes it to the
value 1'b1. The DEVICE_RESET bit can be referenced to confirm a
reset executed as expected or if an unintended reset occurred (for
example, if the power supplies failed during operation).
Reset Bits
A reset is initiated by setting both the SW_RESET and SW_RE-
SETX bits in the INTERFACE_CONFIG_A register to 1'b1 in the
same write instruction (see the Interface Configuration A Register
section). Two reset bit fields are used to reduce the likelihood of
an unintended reset from interference on the SPI signals. The reset
bits are only available in configuration mode, because they are
located in the INTERFACE_CONFIG_A configuration register.
Figure 69 shows the timing diagram for resetting the AD4052/
AD4058 with the reset bits. The digital host must wait for the tRESET
delay to elapse before initiating SPI transactions (see Table 1).
Reset Pattern
The reset pattern shown in Figure 70 allows the digital host to
reset the AD4052/AD4058 from any of its operating modes. The
reset pattern is equivalent to an 18-byte SPI write with the code
48'hFFFF FFFF FFFE repeated three times.
Figure 70 shows the timing diagram for resetting the AD4052/
AD4058 with the reset bits. The digital host must wait for the tRESET
delay to elapse before initiating SPI transactions (see Table 1).
Power-On Reset
The AD4052/AD4058 is designed to generate a power-on reset
(POR) when the VDD and VIO rails are first applied or when the
rails are power cycled. A POR on the VDD or VIO supplies resets
the state of the user configuration registers. The configuration regis-
ters are not reset when the AD4052/AD4058 enter sleep mode and
disable the internal LDO regulator (see the Sleep Mode section).
Figure 71 shows the timing diagram for the AD4052/AD4058 PORs.
The digital host must wait for the tRESET delay after the power
supplies are stable. Then the digital host must perform a reset with
the reset bits or the reset pattern. Finally, an additional tRESET delay
must elapse before performing other SPI transactions.
Figure 69. Reset Bit Timing Diagram
Figure 70. Reset Pattern Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com