Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052BCPZ-R2 Datasheet(PDF) 60 Page - Analog Devices

Part # AD4052BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052BCPZ-R2 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD4052BCPZ-R2 Datasheet HTML 56Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 57Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 58Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 59Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 60Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 61Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 62Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 63Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
Data Sheet
AD4052/AD4058
REGISTER DETAILS
analog.com
Rev. B | 60 of 66
Table 41. Bit Descriptions for GP_CONFIG (Continued)
Bits
Bit Name
Description
Reset
Access
0x5: Static Logic Low.
0x6: Static Logic High.
0x7: Invalid.
NOTE - The CHOP signal and the DEV_EN signal cannot be enabled at the same time.
INTERRUPT CONFIGURATION REGISTER
Address: 0x25, Reset: 0x21, Name: INTR_CONFIG
Table 42. Bit Descriptions for INTR_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:4]
GP1_INTR_EN
GP1 Interrupt Configuration. Selects which of the threshold detection interrupt signals are passed through to the
GP1_INTR output signal.
0x2
R/W
0x0: Neither Interrupt.
0x1: MIN_INTR.
0x2: MAX_INTR.
0x3: Either Interrupt. GP1 outputs the logical OR of MAX_INTR and MIN_INTR signals.
[3:2]
RESERVED
Reserved.
0x0
R
[1:0]
GP0_INTR_EN
GP0 Interrupt Configuration. Selects which of the threshold detection interrupt signals are passed through to the
GP0_INTR output signal.
0x1
R/W
0x0: Neither Interrupt.
0x1: MIN_INTR. Default.
0x2: MAX_INTR.
0x3: Either Interrupt. GP0 outputs the logical OR of MAX_INTR and MIN_INTR signals.
CHOP SIGNAL CONFIGURATION REGISTER
Address: 0x26, Reset: 0x00, Name: CHOP_CONFIG
Chop Window Length
0xB: 2048.
0xA: 1024.
0x9: 512.
...
0x2: 4.
0x1: 2.
0x0: 1.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] RESERVED
[3:0] CHOP_WIN_LEN (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com