Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052BCPZ-R2 Datasheet(PDF) 46 Page - Analog Devices

Part # AD4052BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052BCPZ-R2 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD4052BCPZ-R2 Datasheet HTML 42Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 43Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 44Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 45Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 46Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 47Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 48Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 49Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
Data Sheet
AD4052/AD4058
APPLICATIONS INFORMATION
analog.com
Rev. B | 46 of 66
Figure 74. AD4052/AD4058 Equivalent Input Load Model
Table 19. AD4052/AD4058 RC Kickback Filter Recommendations
Sample Rate
tACQ
RFILT
CFILT
−3 dB Bandwidth
2 MSPS
290 ns
52.3 Ω
1 nF
3.04 MHz
124 Ω
360 pF
3.57 MHz
1 MSPS
790 ns
143 Ω
1 nF
1.11 MHz
332 Ω
360 pF
1.33 MHz
500 kSPS
1790 ns
301 Ω
1 nF
528.75 kHz
634 Ω
360 pF
697.31 kHz
100 kSPS
9790 ns
1.78 kΩ
1 nF
89.4 kHz
4.12 kΩ
360 pF
107.3 kHz
Noise and Distortion Considerations
The noise and distortion specifications of the AFE circuit must
be considered, because they combine with the AD4052/AD4058
noise and distortion specifications to determine the overall system
performance. The total system noise (vN,TOTAL) is the root sum of
squares (RSS) of the AFE RMS noise (vN, AFE) and ADC RMS
noise (vN,ADC), referred to the inputs of the AD4052/AD4058 as
shown the following equation:
vN,TOTAL= vN,AFE2+vN,ADC2
(9)
MT-049 and MT-050 describe how to estimate vN,AFE for operational
amplifier circuits, as a function of the amplifier and passive compo-
nent noise specifications and amplifier configuration. The Front-End
Amplifier and RC Filter Design for a Precision SAR Analog-to-Dig-
ital Converter article describes how to estimate system SNR vs.
vN,AFE and vN,ADC.
As noted in the AD4052/AD4058 Equivalent Analog Input Model
section, the primary purpose of the RC kickback filter between
the AFE and the ADC is to minimize settling error and not to
filter AFE noise or perform anti-aliasing. The RC kickback filter
bandwidth cannot be set arbitrarily low, and it is recommended to
implement any additional noise or anti-alias filtering before or within
the amplifier circuit instead of the RC kickback filter. NP0/C0G type
dielectric capacitors are recommended for all capacitors used in
the AFE circuit to minimize signal distortion artifacts caused by
capacitor voltage and temperature derating.
REFERENCE CIRCUIT DESIGN
Equivalent REF Input Model
The AD4052/AD4058 require an external voltage reference to de-
fine the input range of the device. A low-noise, stable reference is
critical for maximizing accuracy and performance.
The AD4052/AD4058 REF pin draws charge (QCONV) from the
external reference circuit during each conversion phase to perform
the SAR ADC bit trials. The REF input current (IREF) can, therefore,
be expressed as a transient current load that occurs once per
conversion and as an equivalent average DC current load that is
a function of the sample rate (see Table 1 and Figure 21). The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com