Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052BCPZ-R2 Datasheet(PDF) 52 Page - Analog Devices

Part # AD4052BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052BCPZ-R2 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD4052BCPZ-R2 Datasheet HTML 48Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 49Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 50Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 51Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 52Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 53Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 54Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 55Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Data Sheet
AD4052/AD4058
REGISTER SUMMARY
analog.com
Rev. B | 52 of 66
The AD4052/AD4058 has programmable user registers for configuring the device. These registers are accessible while the AD4052/AD4058
is in configuration mode. Table 22 shows an overview of the AD4052/AD4058 user register map, and the Register Details section details the
location and functions of the bit fields in each register. The access column in the various register details tables specifies whether the bit fields
are read-only (R), read/write (R/W), or write-1-to-clear (R/W1C) bits.
Table 22. AD4052/AD4058 Register Summary
Address
Name
Description
Reset
Access
0x00
INTERFACE_CONFIG_A
Interface Configuration A.
0x10
R/W
0x01
INTERFACE_CONFIG_B
Interface Configuration B.
0x08
R/W
0x02
DEVICE_CONFIG
Device Configuration.
0xF0
R/W
0x03
DEVICE_TYPE
Device Type.
0x07
R
0x04
PRODUCT_ID_L (AD4052)
Product Identification (LSByte).
0x72
R
0x04
PRODUCT_ID_L (AD4058)
Product Identification (LSByte).
0x78
R
0x05
PRODUCT_ID_H
Product Identification (MSByte).
0x00
R
0x06
DEVICE_GRADE
Device Grade.
0x00
R
0x0A
SCRATCH_PAD
Scratch Pad.
0x00
R/W
0x0B
SPI_REVISION
SPI Revision.
0x84
R
0x0C
VENDOR_L
Vendor Identification (LSByte).
0x56
R
0x0D
VENDOR_H
Vendor Identification (MSByte).
0x04
R
0x0E
STREAM_MODE
Reserved.
0x00
R/W
0x0F
TRANSFER_CONFIG
Reserved.
0x00
R/W
0x10
INTERFACE_CONFIG_C
Interface Configuration C.
0x13
R/W
0x11
INTERFACE_STATUS
Interface Status.
0x00
R/W
0x12 to 0x1F
RESERVED
Reserved.
0x00
R
0x20
MODE_SET
Device Mode Select.
0x00
R/W
0x21
ADC_MODES
ADC Operating Mode Configuration.
0x80
R/W
0x22
ADC_CONFIG
ADC Setup Configuration.
0x00
R/W
0x23
AVG_CONFIG
Averaging Filter Configuration.
0x00
R/W
0x24
GP_CONFIG
General Purpose Pin Configuration.
0xF0
R/W
0x25
INTR_CONFIG
Interrupt Configuration.
0x21
R/W
0x26
CHOP_CONFIG
Chop Signal Configuration.
0x00
R/W
0x27
TIMER_CONFIG
Timer Configuration.
0x00
R/W
0x28
MAX_LIMIT_REG[7:0]
Maximum Threshold Configuration.
0x0000
R/W
0x29
MAX_LIMIT_REG[15:8]
0x2A
MIN_LIMIT_REG[7:0]
Minimum Threshold Configuration.
0x0000
R/W
0x2B
MIN_LIMIT_REG[15:8]
0x2C
MAX_HYST_REG
Maximum Threshold Hysteresis.
0x00
R/W
0x2D
MIN_HYST_REG
Minimum Threshold Hysteresis.
0x00
R/W
0x2E
MON_VAL_REG[7:0]
MON_VAL Scaling.
0x0000
R/W
0x2F
MON_VAL_REG[15:8]
0x30 to 0x3F
RESERVED
Reserved.
0x00
R
0x40
FUSE_CRC
Fuse CRC.
0x00
R/W
0x41
DEVICE_STATUS
Device Status.
0x40
R/W
0x42
MAX_SAMPLE_REG[7:0]
Maximum Interrupt Sample.
0x0000
R
0x43
MAX_SAMPLE_REG[15:8]
0x44
MIN_SAMPLE_REG[7:0]
Minimum Interrupt Sample.
0x0000
R
0x45
MIN_SAMPLE_REG[15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com