Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052BCPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD4052BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052BCPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD4052BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 24Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 25Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 26Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 27Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
Data Sheet
AD4052/AD4058
THEORY OF OPERATION
analog.com
Rev. B | 24 of 66
INTERRUPTS AND CONTROL SIGNALS
The AD4052/AD4058 generate several digital signals for synchro-
nizing the analog front-end and digital back-end processes to the
ADC sampling. These signals can be assigned to the two general
purpose pins (GP0 and GP1) via the GP0_MODE and GP1_MODE
fields in the GP_CONFIG register, respectively. The following sec-
tions describe the functionality and timing details for each of the
AD4052/AD4058 digital signals. Table 13 and Table 41 list the GPx
signal assignments that correspond to each GPx_MODE bit field
setting.
Table 13. GP0 and GP1 Signal Assignment Control
GPx_MODE Setting
GP0 Signal Assignment GP1 Signal Assignment
3'h0
Disabled/high-Z (default) Disabled/high-Z
3'h1
GP0_INTR
GP1_INTR
3'h2
RDY
RDY
3'h3
DEV_EN
DEV_EN
3'h4
CHOP
CHOP
3'h5
Logic low
Logic low
3'h6
Logic high
Logic high
3'h7
Invalid
DEV_RDY (default)
Static Logic Outputs
The AD4052/AD4058 GP0 and GP1 digital outputs can be set
to a static logic low or logic high level. This function allows the
digital host to control logic settings for external devices through the
AD4052/AD4058 SPI and reduces the required number of GPIO re-
sources. The logic output voltage specifications and corresponding
load current conditions are given by VOL and VOH in Table 1.
Data Ready Signal
The data ready signal (RDY) is an active-low interrupt signal that
indicates when new ADC data are ready to read via the SPI. In
sample mode, RDY goes high at the start of the conversion phase
and returns low at the end of the conversion phase to indicate a
new 16-bit result is available (see Figure 50). In averaging and
burst averaging modes, RDY goes low after NAVG conversions to
indicate a new 20-bit averaged result is available (see Figure 52
and Figure 54).
Threshold Alert Signals
The comparator threshold alert signals MAX_INTR and MIN_INTR
can be routed to the GP0 or GP1 pins via the GP0_INTR and
GP1_INTR signals (see the Autonomous Modes section). Either of
the GPx_INTR signals can be assigned to the MAX_INTR signal,
the MIN_INTR signal, or the logical OR of both, giving the flexibility
to either drive independent hardware interrupts for maximum and
minimum crossings or to combine together for a single interrupt.
By default, MAX_INTR is assigned to GP1_INTR and MIN_INTR is
assigned to GP0_INTR.
The mapping of the alert signals to the GPx pins is controlled via
the GP0_INTR_EN and GP1_INTR_EN bit fields in the INTR_CON-
FIG register (see Table 14 and Table 42).
Table 14. GPx_INTR Settings
GPx_INTR_EN Setting
GPx_INTR Signal Assignment
2'h0
Neither interrupt
2'h1
MIN_INTR
2'h2
MAX_INTR
2'h3
(MAX_INTR) OR (MIN_INTR)
Device Ready Signal
The device ready signal (DEV_RDY) is an active-high signal that
indicates when the AD4052/AD4058 complete power-up or reset
routines and are ready to accept serial interface communications.
The DEV_RDY signal is routed to the GP1 pin after power-up
or reset, so the digital host can monitor it to know when the
AD4052/AD4058 are active. See the Device Reset section for
timing diagrams of the DEV_RDY signal.
Device Enable Signal
The AD4052/AD4058 include a signal chain power-cycling control
signal called DEV_EN. The DEV_EN signal synchronizes the en-
able and power-down states of signal chain devices (such as
amplifiers, sensors, and voltage references) with the ADC sampling
instant, optimizing system power consumption while minimizing
sampling error from power-on delays. Figure 44 shows a typical
application circuit utilizing the DEV_EN signal to power down an
amplifier between samples.
When the DEV_EN signal is enabled, the internal timer acts as a
one-shot timer triggered by the CNV rising edge. The timer delay
(tPWR_ON) controls how long the amplifier is powered on before
the ADC sampling instant and is programmable to tailor to the
connected device's specific power-on settling time specifications.
Table 44 in the Register Details section shows the nominal tPWR_ON
settings available via the TIMER_PWR_ON bit field.
The DEV_EN signal is enabled by assigning it to either the GP0
or GP1 digital outputs (see Table 13 ). The DEV_EN signal can be
configured as active high or active low via the DEV_EN_POL bit
field in the GP_CONFIG register (see Table 41). DEV_EN is active
high by default.
Figure 55, Figure 56, and Figure 57 in the Modes of Operation
section show timing diagrams of the DEV_EN signal and the ADC
sampling instant relative to CNV rising edge. In sample mode
and averaging mode, DEV_EN deasserts after each conversion.
In burst averaging mode, DEV_EN remains asserted until the last
conversion in the burst of samples. DEV_EN is not supported in the
autonomous modes.
Note that the device enable signal (DEV_EN) and the CHOP signal
cannot be enabled at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com