Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052BCPZ-R2 Datasheet(PDF) 39 Page - Analog Devices

Part # AD4052BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052BCPZ-R2 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD4052BCPZ-R2 Datasheet HTML 35Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 36Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 37Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 38Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 39Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 40Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 41Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 42Page - Analog Devices AD4052BCPZ-R2 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Data Sheet
AD4052/AD4058
SERIAL INTERFACE
analog.com
Rev. B | 39 of 66
Table 17. Status Word Contents
Status Word Index
Bit Field Name
15
NOT_RDY_ERR
14
0
13
0
12
SCLK_ERR
11
SPI_CRC_ERR
10
WR_INVALID
9
MB_ERR
8
ADDR_INVALID
7
DEVICE_READY
6
INTERFACE_ERR
5
FUSE_CRC_ERR
4
0
3
0
2
THRESH_OVERRUN
1
MAX_FLAG
0
MIN_FLAG
Data Phase
The data phase immediately follows the instruction phase. During
the data phase, register data is either clocked out on the SDO pin
(for register reads) or latched in on the SDI pin (for register writes).
Each configuration mode SPI frame can have one or multiple data
phases, as shown in Figure 66.
Each register address (REG_ADDR) corresponds to 1 byte of
register memory, and each data phase must contain an integer
multiple of 8 bits (8 SCLK periods) for the register read or write to
be considered valid. Registers are not updated if the register write
data phase is not an integer multiple of 8 bits.
The AD4052/AD4058 support bulk register reads and writes for
efficient access to contiguous sections of the register map. Figure
66 shows the SPI protocol for bulk register reads and writes. To
perform bulk read and write register transactions, hold the CS sig-
nal low and continue issuing SCLK pulses to execute multiple data
phases in succession. When streaming registers, the instruction
phase defines the REG_ADDR for the first data phase, and in each
subsequent data phase the address decrements by 1.
When the interface CRC is enabled, a CRC byte is appended for
each data phase byte (see the Register Access CRC section).
Figure 66. Streaming Registers in Configuration Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com